Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48B12C250B Datasheet(PDF) 5 Page - Vicor Corporation

Part # V48B12C250B
Description  48Vin / 12Vout / 250Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48B12C250B Datasheet(HTML) 5 Page - Vicor Corporation

  V48B12C250B Datasheet HTML 1Page - Vicor Corporation V48B12C250B Datasheet HTML 2Page - Vicor Corporation V48B12C250B Datasheet HTML 3Page - Vicor Corporation V48B12C250B Datasheet HTML 4Page - Vicor Corporation V48B12C250B Datasheet HTML 5Page - Vicor Corporation V48B12C250B Datasheet HTML 6Page - Vicor Corporation V48B12C250B Datasheet HTML 7Page - Vicor Corporation V48B12C250B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V48B12C250B DC-DC Converter
Rev. 2
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
RU
Trim Up
Load
+Out
+S
SC
–S
–Out
Error
Amp
1k
1.23V
0.033
µF
RD
Trim Down
Load
+Out
+S
SC
–S
–Out
Error
Amp
1k
1.23V
0.033
µF
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Sense pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Sense pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage
protection circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.html.
Resistor values can be calculated for fixed trim up, fixed
trim down and for variable trim up or down cases for both
1st and 2nd Generation DC-DC converters.
In addition to trimming information, the web site and the
Applications Manual also include design tips, applications
circuits, EMC suggestions, thermal design guidelines and
PDF data sheets for all available Vicor products.


Similar Part No. - V48B12C250B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B12C250BF2 VICOR-V48B12C250BF2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48B12C250BF3 VICOR-V48B12C250BF3 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48B12c250Bl VICOR-V48B12c250Bl Datasheet
766Kb / 11P
   Distributed power, medical, ATE, communications, defense, aerospace.
V48B12C250BL2 VICOR-V48B12C250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48B12C250BL3 VICOR-V48B12C250BL3 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
More results

Similar Description - V48B12C250B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B24C250B VICOR-V48B24C250B Datasheet
179Kb / 8P
   48Vin / 24Vout / 250Watts DC-DC Converter Module
V300B12C250B VICOR-V300B12C250B Datasheet
145Kb / 8P
   300Vin / 12Vout / 250Watts DC-DC Converter Module
V48A12C500A VICOR-V48A12C500A Datasheet
192Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V48A12C500B VICOR-V48A12C500B Datasheet
150Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V48B48C250A VICOR-V48B48C250A Datasheet
183Kb / 8P
   48Vin / 48Vout / 250Watts DC-DC Converter Module
V48C12C150B VICOR-V48C12C150B Datasheet
173Kb / 8P
   48Vin / 12Vout / 150Watts DC-DC Converter Module
V48B24C250A VICOR-V48B24C250A Datasheet
183Kb / 8P
   48Vin / 24Vout / 250Watts DC-DC Converter Module
V48B15C250B VICOR-V48B15C250B Datasheet
179Kb / 8P
   48Vin / 15Vout / 250Watts DC-DC Converter Module
V300B28C250B VICOR-V300B28C250B Datasheet
145Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
V300B48C250A VICOR-V300B48C250A Datasheet
183Kb / 8P
   300Vin / 48Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com