Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48A24E300B Datasheet(PDF) 3 Page - Vicor Corporation

Part # V48A24E300B
Description  FasTrak Maxi E-Grade Family DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A24E300B Datasheet(HTML) 3 Page - Vicor Corporation

  V48A24E300B Datasheet HTML 1Page - Vicor Corporation V48A24E300B Datasheet HTML 2Page - Vicor Corporation V48A24E300B Datasheet HTML 3Page - Vicor Corporation V48A24E300B Datasheet HTML 4Page - Vicor Corporation V48A24E300B Datasheet HTML 5Page - Vicor Corporation V48A24E300B Datasheet HTML 6Page - Vicor Corporation V48A24E300B Datasheet HTML 7Page - Vicor Corporation V48A24E300B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Maxi E-Grade Family
Rev. 1.1
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5V
PC module disable
2.3
2.6
2.9
Vdc
Must be able to sink ≥4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 ohms, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
ohms
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.24
Vdc
Referenced to –Sense
SC resistance
990
1000
1010
ohms
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Sense. See Fig. 6
Parameter
Min
Typ
Max
Unit
Notes
Remote sense (total drop)
0.5
Vdc
0.25V per leg (senses must be closed)
Isolation voltage (in to out)
3000
Vrms
Complies with reinforced insulation requirements
Isolation voltage (in to base)
1550
Vrms
Complies with basic insulation requirements
Isolation voltage (out to base)
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
7.3 (210)
8 (227)
ounces (grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
Agency approvals
cULus, TÜV, CE
UL60950, EN60950, CSA60950, IEC60950.
With a fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, continued
Note:
Specifications are subject to change without notice.
The latest data sheets for individual models are available on the Vicor website at vicorpower.com.


Similar Part No. - V48A24E300B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A24E300B VICOR-V48A24E300B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48A24E300B1 VICOR-V48A24E300B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48A24E300B2 VICOR-V48A24E300B2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48A24E300BL VICOR-V48A24E300BL Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48A24E300BL1 VICOR-V48A24E300BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V48A24E300B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com