Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78F0034AGB-8EU Datasheet(PDF) 11 Page - NEC

Part # UPD78F0034AGB-8EU
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F0034AGB-8EU Datasheet(HTML) 11 Page - NEC

Back Button UPD78F0034AGB-8EU Datasheet HTML 7Page - NEC UPD78F0034AGB-8EU Datasheet HTML 8Page - NEC UPD78F0034AGB-8EU Datasheet HTML 9Page - NEC UPD78F0034AGB-8EU Datasheet HTML 10Page - NEC UPD78F0034AGB-8EU Datasheet HTML 11Page - NEC UPD78F0034AGB-8EU Datasheet HTML 12Page - NEC UPD78F0034AGB-8EU Datasheet HTML 13Page - NEC UPD78F0034AGB-8EU Datasheet HTML 14Page - NEC UPD78F0034AGB-8EU Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
µPD78F0034A, 78F0034AY
11
Data Sheet U14040EJ4V0DS
3. PIN FUNCTIONS
3.1 Port Pins (1/2)
Pin Name
I/O
Function
After Reset
Alternate
Function
P00
I/O
Port 0
Input
INTP0
P01
4-bit I/O port.
INTP1
P02
Input/output can be specified in 1-bit units.
INTP2
P03
An on-chip pull-up resistor can be specified by software.
INTP3/ADTRG
P10 to P17
Input
Port 1
Input
ANI0 to ANI7
8-bit input-only port.
P20
I/O
Port 2
Input
SI30
P21
6-bit I/O port.
SO30
P22
Input/output can be specified in 1-bit units.
SCK30
P23
An on-chip pull-up resistor can be specified by software.
RxD0
P24
TxD0
P25
ASCK0
P30
I/O
Port 3
N-ch open-drain I/O port.
Input
P31
7-bit I/O port.
LEDs can be driven directly.
P32
Input/output can be specified
SDA0Note 1
P33
in 1-bit units.
SCL0Note 1
P34
An on-chip pull-up resistor can be
SI31Note 2
P35
specified by software.
SO31Note 2
P36
SCK31Note 2
P40 to P47
I/O
Port 4
Input
AD0 to AD7
8-bit I/O port.
Input/output can be specified in 1-bit units.
An on-chip pull-up resistor can be specified by software.
Interrupt request flag KRIF is set to 1 by falling edge detection.
P50 to P57
I/O
Port 5
Input
A8 to A15
8-bit I/O port.
LEDs can be driven directly.
Input/output can be specified in 1-bit units.
An on-chip pull-up resistor can be specified by software.
P64
I/O
Port 6
Input
RD
P65
4-bit I/O port.
WR
P66
Input/output can be specified in 1-bit units.
WAIT
P67
An on-chip pull-up resistor can be specified by software.
ASTB
Notes 1.
SDA0 and SCL0 are incorporated only in the
µPD78F0034AY Subseries.
2.
SI31, SO31, and SCK31 are incorporated only in the
µPD78F0034A Subseries.


Similar Part No. - UPD78F0034AGB-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F0034A RENESAS-UPD78F0034A Datasheet
153Kb / 17P
   PG-FP5
UPD78F0034AS RENESAS-UPD78F0034AS Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F0034AGB-8EU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com