Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48A24C150A Datasheet(PDF) 2 Page - Vicor Corporation

Part # V48A24C150A
Description  48V Input Micro Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A24C150A Datasheet(HTML) 2 Page - Vicor Corporation

  V48A24C150A Datasheet HTML 1Page - Vicor Corporation V48A24C150A Datasheet HTML 2Page - Vicor Corporation V48A24C150A Datasheet HTML 3Page - Vicor Corporation V48A24C150A Datasheet HTML 4Page - Vicor Corporation V48A24C150A Datasheet HTML 5Page - Vicor Corporation V48A24C150A Datasheet HTML 6Page - Vicor Corporation V48A24C150A Datasheet HTML 7Page - Vicor Corporation V48A24C150A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Micro Family
Rev. 5.3
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
36
48
75
Vdc
Input surge withstand
100
Vdc
<100ms
Output voltage setpoint
±1%
Vout nom.
Nominal input; full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.2
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
34.9
35.7
Vdc
Undervoltage turn-off
29.4
30.5
Vdc
Overvoltage turn-off/on
75.7
78.8
82.5
Vdc
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Parameter
1.8V 1
2V
2.5V 2 3.3V
5V
12V
15V
24V
28V
48V
Unit
Notes
Efficiency (typ.)
71.6
72.0
77.3
78.0
82.0
86.0
87.0
87.0
87.5
88.5
%
Nominal input; 80% load; 25°C
Ripple and noise, p-p (typ.)
73
85
63
75
70
170
120
150
110
60
mV
Nominal input; full load;
25°C; 20MHz BW
Output power (max.)
45
50
57
75
100
150
150
150
150
150
Watts
At 100°C baseplate temperature
Output OVP setpoint (nom.)
2.8
2.8
4.3
4.3
6.3
14.3
17.8
28.1
32.7
55.7
Volts
25°C; recycle input voltage to
restart ( 1 minute off )
Dissipation, standby (typ.)
3.3
3.3
3.0
3.0
3.3
3.5
4.0
4.0
2.6
2.9
Watts
No load; nominal input
Load regulation (max.)
0.5
0.5
0.4
0.4
0.2
0.2
0.2
0.2
0.2
0.2
±% Vout
No load to full load; nominal input
Current limit (typ.)
115
115
115
115
115
115
115
115
115
115
% Iout
Output voltage 95% of nominal
Short circuit current (typ.)
115
115
115
115
115
115
115
115
115
115
% Iout.
Output voltage <250mV
MODULE OUTPUT VOLTAGE RELATED SPECIFICATIONS
1
Nominal 2V output trimmed to 1.8V by adding external 9,000 ohm resistor from the SC pin to -Out pin. (See Fig. 7)
2
Nominal 3.3V output trimmed to 2.5V by adding external 3,125 ohm resistor from the SC pin to -Out pin. (See Fig. 7)
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.


Similar Part No. - V48A24C150A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A24C150A VICOR-V48A24C150A Datasheet
189Kb / 8P
   DC-DC Converter Module
More results

Similar Description - V48A24C150A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com