Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048L015T80 Datasheet(PDF) 6 Page - Vicor Corporation

Part # V048L015T80
Description  VI Chip - VTM Voltage Transformation Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048L015T80 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V048L015T80 Datasheet HTML 2Page - Vicor Corporation V048L015T80 Datasheet HTML 3Page - Vicor Corporation V048L015T80 Datasheet HTML 4Page - Vicor Corporation V048L015T80 Datasheet HTML 5Page - Vicor Corporation V048L015T80 Datasheet HTML 6Page - Vicor Corporation V048L015T80 Datasheet HTML 7Page - Vicor Corporation V048L015T80 Datasheet HTML 8Page - Vicor Corporation V048L015T80 Datasheet HTML 9Page - Vicor Corporation V048L015T80 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V•I Chip Voltage Transformation Module
Rev. 1.6
Page 6 of 20
45
PRELIMINARY
V•I CHIP STRESS DRIVEN PRODUCT QUALIFICATION PROCESS
Specifications, continued
Symbol
Parameter
Min
Typ
Max
Unit
Note
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
0.61
Ws/°C
RθJC
Junction-to-case thermal impedance
1.1
°C/W
RθJB
Junction-to-BGA thermal impedance
2.1
°C/W
RθJA
Junction-to-ambient 1
6.5
°C/W
RθJA
Junction-to-ambient 2
5.0
°C/W
THERMAL
Notes
1. V048K015T80 surface mounted in-board to a 2" x 2" FR4 board, 4 layers 2 oz Cu, 300 LFM.
2. V048L015T80 (0.25"H integral Pin Fins) surface mounted on FR4 board, 300 LFM.
Test
Standard
Environment
High Temperature Operational Life (HTOL)
JESD22-A-108-B
125°C, Vmax, 1,008 hrs
Temperature cycling
JESD22-A-104B
-55°C to 125°C, 1,000 cycles
High temperature storage
JESD22-A-103A
150°C, 1,000 hrs
Moisture resistance
JESD22-A113-B
Moisture sensitivity Level 4
Temperature Humidity Bias Testing (THB)
EIA/JESD22-A-101-B
85°C, 85% RH, Vmax, 1,008 hrs
Pressure cooker testing (Autoclave)
JESD22-A-102-C
121°C, 100% RH, 15 PSIG, 96 hrs
Highly Accelerated Stress Testing (HAST)
JESD22-A-110B
130°C, 85% RH, Vmax, 96 hrs
Solvent resistance/marking permanency
JESD22-B-107-A
Solvents A, B & C as defined
Mechanical vibration
JESD22-B-103-A
20g peak, 20-2,000 Hz, test in X, Y & Z directions
Mechanical shock
JESD22-B-104-A
1,500g peak 0.5 ms pulse duration, 5 pulses in 6 directions
Electro static discharge testing – human body model
EIA/JESD22-A114-A
Meets or exceeds 2,000 Volts
Electro static discharge testing – machine model
EIA/JESD22-A115-A
Meets or exceeds 200 Volts
Highly Accelerated Life Testing (HALT)
Per Vicor Internal
Operation limits verified, destruct margin determined
Test Specification
Dynamic cycling
Per Vicor internal
Constant line, 0-100% load,
-20°C to 125°C
test specification
Test
Standard
Environment
BGA Daisy-Chain thermal cycling
IPC-SM-785
TC3, -40 to 125°C at <10 °C/min,
IPC-9701
10 min dwell time
Ball shear
IPC-9701
No failure through intermetallic
IPC J-STD-029
Bend test
IPC J-STD-029
Deflection through 4 mm
V•I CHIP BALL GRID ARRAY INTERCONNECT QUALIFICATION


Similar Part No. - V048L015T80

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048A015T090 VICOR-V048A015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
logo
Powerbox
V048F015M006 POWERBOX-V048F015M006 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
V048F015M009 POWERBOX-V048F015M009 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
V048F015M012 POWERBOX-V048F015M012 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
V048F015M015 POWERBOX-V048F015M015 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048L015T80

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com