Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048K030T070 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048K030T070
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K030T070 Datasheet(HTML) 2 Page - Vicor Corporation

  V048K030T070 Datasheet HTML 1Page - Vicor Corporation V048K030T070 Datasheet HTML 2Page - Vicor Corporation V048K030T070 Datasheet HTML 3Page - Vicor Corporation V048K030T070 Datasheet HTML 4Page - Vicor Corporation V048K030T070 Datasheet HTML 5Page - Vicor Corporation V048K030T070 Datasheet HTML 6Page - Vicor Corporation V048K030T070 Datasheet HTML 7Page - Vicor Corporation V048K030T070 Datasheet HTML 8Page - Vicor Corporation V048K030T070 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K030T070
Rev. 1.0
Page 2 of 15
V•I Chip Voltage Transformation Module
PRELIMINARY
Electrical Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26
48
55
Vdc
Operable down to zero V with VC voltage applied
Input dV/dt
1
V/µs
Input overvoltage turn-on
55
Vdc
Input overvoltage turn-off
60
Vdc
Input current
4.8
Adc
Input reflected ripple current
182
mA p-p
Using test circuit in Figure 16; See Figure 1
No load power dissipation
3.3
4.56
W
Internal input capacitance
4
µF
Internal input inductance
20
nH
Input Specs (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
1.63
3.43
Vdc
No load
1.49
3.29
Vdc
Full load
Rated DC current
0
70
Adc
Peak repetitive current
105
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
DC current limit
71.4
87.1
94.5
Adc
Module will shut down when current limit is reached
or exceeded
Current share accuracy
5
10
%
See Parallel Operation on Page 10
Efficiency
Half load
94.0
94.5
%
See Figure 3
Full load
93.5
94.1
%
See Figure 3
Internal output inductance
1.1
nH
Internal output capacitance
254
µF
Effective value
Output overvoltage setpoint
3.4
Vdc
Output ripple voltage
No external bypass
80
100
mV
See Figures 2 and 5
10 µF bypass capacitor
8.6
mV
See Figure 6
Effective switching frequency
2.5
2.6
2.8
MHz
Fixed, 1.3 MHz per phase
Line regulation
K
0.0619
1/16
0.0631
VOUT = K•VIN at no load
Load regulation
ROUT
1.8
2.0
m
See Figure 19
Transient response
Voltage overshoot
66
mV
70 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)


Similar Part No. - V048K030T070

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K015T090 VICOR-V048K015T090 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
More results

Similar Description - V048K030T070

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com