Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048K030T070 Datasheet(PDF) 6 Page - Vicor Corporation

Part # V048K030T070
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K030T070 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V048K030T070 Datasheet HTML 2Page - Vicor Corporation V048K030T070 Datasheet HTML 3Page - Vicor Corporation V048K030T070 Datasheet HTML 4Page - Vicor Corporation V048K030T070 Datasheet HTML 5Page - Vicor Corporation V048K030T070 Datasheet HTML 6Page - Vicor Corporation V048K030T070 Datasheet HTML 7Page - Vicor Corporation V048K030T070 Datasheet HTML 8Page - Vicor Corporation V048K030T070 Datasheet HTML 9Page - Vicor Corporation V048K030T070 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K030T070
Rev. 1.0
Page 6 of 15
V•I Chip Voltage Transformation Module
PRELIMINARY
Pin/Control Functions
+IN/-IN DC Voltage Ports
The VTM input should not exceed the maximum specified. Be aware of
this limit in applications where the VTM is being driven above its
nominal output voltage. If less than 26 Vdc is present at the +In and -In
ports, a continuous VC voltage must be applied for the VTM to process
power. Otherwise VC voltage need only be applied for 10 ms after the
voltage at the +In and -In ports has reached or exceeded 26 Vdc. If the
input voltage exceeds the overvoltage turn-off, the VTM will shutdown.
The VTM does not have internal input reverse polarity protection.
Adding a properly sized diode in series with the positive input or a
fused reverse-shunt diode will provide reverse polarity protection.
TM – For Factory Use Only
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
In applications where a VTM is being used without a PRM, 14 V must
be supplied to the VC port for as long as the input voltage is below 26 V
and for 10 ms after the input voltage has reached or exceeded 26 V. The
VTM is not designed for extended operation below 26 V. The VC port
should only be used to provide VCC voltage to the VTM during startup.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
+OUT/-OUT DC Voltage Output Ports
The output and output return are through two sets of contact
locations. The respective +Out and –Out groups must be connected in
parallel with as low an interconnect resistance as possible. Within the
specified input voltage range, the Level 1 DC behavioral model shown
in Figure 19 defines the output voltage of the VTM. The current source
capability of the VTM is shown in the specification table.
To take full advantage of the VTM, the user should note the low output
impedance of the device. The low output impedance provides fast
transient response without the need for bulk POL capacitance. Limited-
life electrolytic capacitors required with conventional converters can be
reduced or even eliminated, saving cost and valuable board real estate.
-In
PC
VC
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
AJ
AK
AL
4 3
2 1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
AJ
AK
AL
Figure 9—VTM BGA configuration
Signal Name
BGA Designation
+In
A1-L1, A2-L2
–In
AA1-AL1, AA2-AL2
TM
P1, P2
VC
T1, T2
PC
V1, V2
+Out
A3-G3, A4-G4,
U3-AC3, U4-AC4
–Out
J3-R3, J4-R4,
AE3-AL3, AE4-AL4


Similar Part No. - V048K030T070

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K015T090 VICOR-V048K015T090 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
More results

Similar Description - V048K030T070

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com