Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048K096T025 Datasheet(PDF) 11 Page - Vicor Corporation

Part # V048K096T025
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K096T025 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button V048K096T025 Datasheet HTML 7Page - Vicor Corporation V048K096T025 Datasheet HTML 8Page - Vicor Corporation V048K096T025 Datasheet HTML 9Page - Vicor Corporation V048K096T025 Datasheet HTML 10Page - Vicor Corporation V048K096T025 Datasheet HTML 11Page - Vicor Corporation V048K096T025 Datasheet HTML 12Page - Vicor Corporation V048K096T025 Datasheet HTML 13Page - Vicor Corporation V048K096T025 Datasheet HTML 14Page - Vicor Corporation V048K096T025 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K096T025
Rev. 1.0
Page 11 of 15
PRELIMINARY
LIN = 20 nH
+
+
VOUT
COUT
VIN
VI
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
64 mA
Figure 18—Junction-to-ambient thermal resistance of VTM with 0.25"
Pin Fins. (Pin Fins are available as a separate item.)
VTM with optional 0.25'' Pin Fins
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
Airflow (LFM)
Application Note (continued)
Figure 17—Thermal resistance
V•I Chip VTM Level 1 DC Behavioral Model for 48 V to 9.6 V, 25.0 A
Figure 19—This model characterizes the DC operation of the V•I Chip VTM, including the converter transfer function and its losses. The model enables estimates
or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
©
V•I Chip VTM Level 2 Transient Behavioral Model for 48 V to 9.6 V, 25.0 A
Figure 20—This model characterizes the AC operation of the V•I Chip VTM including response to output load or input voltage transients or steady state
modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load
with or without external filtering elements.
©
8.9 mΩ
1/5 • Vin
1/5 • Iout
64 mA
1/5 • Iout
1/5 • Vin
8.9 mΩ
LIN = 20 nH
RCIN
1.3 mΩ
5.5 nH
25 mΩ
RCOUT
0.2 mΩ
55.0 µF
LOUT = 1.6 nH
4.0 µF


Similar Part No. - V048K096T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K015T090 VICOR-V048K015T090 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
More results

Similar Description - V048K096T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com