Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780948 Datasheet(PDF) 4 Page - NEC

Part # UPD780948
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780948 Datasheet(HTML) 4 Page - NEC

  UPD780948 Datasheet HTML 1Page - NEC UPD780948 Datasheet HTML 2Page - NEC UPD780948 Datasheet HTML 3Page - NEC UPD780948 Datasheet HTML 4Page - NEC UPD780948 Datasheet HTML 5Page - NEC UPD780948 Datasheet HTML 6Page - NEC UPD780948 Datasheet HTML 7Page - NEC UPD780948 Datasheet HTML 8Page - NEC UPD780948 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
µPD78F0034A, 78F0034AY
4
Data Sheet U14040EJ4V0DS
• Y subseries
Function
Timer
8-Bit 10-Bit 8-Bit
Serial Interface
I/O
External
Subseries Name
8-Bit 16-Bit Watch WDT
A/D
A/D
D/A
Expansion
Control
µPD78078Y 48 K to 60 K 4 ch 1 ch 1 ch 1 ch 8 ch
2 ch 3 ch (UART: 1 ch, I2C: 1 ch)
88
1.8 V
µPD78070AY
61
2.7 V
µPD780018AY 48 K to 60 K
3 ch (I2C: 1 ch)
88
µPD780058Y 24 K to 60 K 2 ch
2 ch 3 ch (time-division UART: 1 ch, I2C: 1 ch)
68
1.8 V
µPD78058FY 48 K to 60 K
3 ch (UART: 1 ch, I2C: 1 ch)
69
2.7 V
µPD78054Y 16 K to 60 K
2.0 V
µPD780078Y 48 K to 60 K
2 ch
8 ch
4 ch (UART: 2 ch, I2C: 1 ch)
52
1.8 V
µPD780034AY 8 K to 32 K
1 ch
3 ch (UART: 1 ch, I2C: 1 ch)
51
µPD780024AY
8 ch
µPD78018FY 8 K to 60 K
2 ch (I2C: 1 ch)
53
LCD
µPD780354Y 24 K to 32 K 4 ch 1 ch 1 ch 1 ch
8 ch
4 ch (UART: 1 ch,
66
1.8 V
drive
µPD780344Y
8 ch
I
2C: 1 ch)
µPD780308Y 48 K to 60 K 2 ch
3 ch (time-division UART: 1 ch, I2C: 1 ch)
57
2.0 V
µPD78064Y 16 K to 32 K
2 ch (UART: 1 ch, I2C: 1 ch)
Bus
µPD780701Y 60 K
3 ch
2 ch
1 ch
1 ch 16 ch
––
4 ch (UART: 1 ch, I2C: 1 ch)
67
3.5 V
interface µPD780703Y
supported
µPD780833Y
65
4.5 V
Remark
Functions other than the serial interface are common to both the Y and non-Y subseries.
VDD
MIN.
Value
ROM
Capacity
(Bytes)


Similar Part No. - UPD780948

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780948 NEC-UPD780948 Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780948 NEC-UPD780948 Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780948 NEC-UPD780948 Datasheet
345Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780948

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com