Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780816 Datasheet(PDF) 1 Page - NEC

Part # UPD780816
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780816 Datasheet(HTML) 1 Page - NEC

  UPD780816 Datasheet HTML 1Page - NEC UPD780816 Datasheet HTML 2Page - NEC UPD780816 Datasheet HTML 3Page - NEC UPD780816 Datasheet HTML 4Page - NEC UPD780816 Datasheet HTML 5Page - NEC UPD780816 Datasheet HTML 6Page - NEC UPD780816 Datasheet HTML 7Page - NEC UPD780816 Datasheet HTML 8Page - NEC UPD780816 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
©
1999, 2000
DATA SHEET
MOS INTEGRATED CIRCUIT
8-BIT SINGLE-CHIP MICROCONTROLLER
µPD78F0034A, 78F0034AY
DESCRIPTION
The
µPD78F0034A is a member of the µPD780034A Subseries in the 78K/0 Series, and is equivalent to the
µPD780034A but with flash memory in place of internal ROM.
The
µPD78F0034AY is a member of the µPD780034AY Subseries, featuring flash memory in place of the internal
ROM of the
µPD780034AY.
The
µPD78F0034A incorporates flash memory, which can be programmed and erased while mounted on the board.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µPD780024A, 780034A, 780024AY, 780034AY Subseries User’s Manual: U14046E
78K/0 Series Instruction User’s Manual: U12326E
FEATURES
Pin-compatible with mask ROM versions (except VPP pin)
Flash memory:
32 KBNote
Internal high-speed RAM: 1,024 bytesNote
Supply voltage:
VDD = 1.8 to 5.5 V
Note
The flash memory and internal high-speed RAM capacities can be changed with the memory size switching
register (IMS).
Remark
For the differences between the flash memory and the mask ROM versions, refer to 4. DIFFERENCES
BETWEEN
µPD78F0034A, 78F0034AY, AND MASK ROM VERSIONS.
ORDERING INFORMATION
Part Number
Package
Internal ROM
µPD78F0034ACW
64-pin plastic SDIP (19.05 mm (750))
Flash memory
µPD78F0034AGB-8EU
64-pin plastic LQFP (10
× 10)
Flash memory
µPD78F0034AGC-8BS
64-pin plastic LQFP (14
× 14)
Flash memory
µPD78F0034AGC-AB8
64-pin plastic QFP (14
× 14)
Flash memory
µPD78F0034AGK-9ET
64-pin plastic TQFP (12
× 12)
Flash memory
µPD78F0034AYCW
64-pin plastic SDIP (19.05 mm (750))
Flash memory
µPD78F0034AYGB-8EU
64-pin plastic LQFP (10
× 10)
Flash memory
µPD78F0034AYGC-8BS
64-pin plastic LQFP (14
× 14)
Flash memory
µPD78F0034AYGC-AB8
64-pin plastic QFP (14
× 14)
Flash memory
µPD78F0034AYGK-9ET
64-pin plastic TQFP (12
× 12)
Flash memory
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
The mark
shows major revised points.
Document No. U14040EJ4V0DS00 (4th edition)
Date Published April 2002 N CP(K)
Printed in Japan


Similar Part No. - UPD780816

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780816 NEC-UPD780816 Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780816 NEC-UPD780816 Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780816

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com