Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRN13C104GLC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NRN13C104GLC
Description  SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRN13C104GLC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NRN13C104GLC Datasheet HTML 1Page - List of Unclassifed Manufacturers NRN13C104GLC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
NIC COMPONENTS CORPORATION
70 Maxess Rd., Melville, NY 11747
(631)396-7500 FAX (631)396-7575
Resistor Networks
SINGLE-IN-LINE “SIP” RESISTOR NETWORKS
CONFORMAL COATED, LOW PROFILE
FEATURES
• CERMET THICK FILM CONSTRUCTION
• LOW PROFILE 5mm (.200" BODY HEIGHT)
• WIDE RANGE OF RESISTANCE VALUES
• HIGH RELIABILITY AT ECONOMICAL PRICING
• 4 PINS TO 13 PINS AVAILABLE
• 6 CIRCUIT TYPES
CHARACTERISTICS
POWER DERATING CURVE:
For resistors operating in ambient temperatures above 70oC, power
rating should be derated in accordance with the curve shown.
AMBIENT TEMPERATURE (oC)
100
80
60
40
20
0
0
40
70
80
120
140
125
Item
Specifications
Rated Power per R esistor at 70oC
Com m on/Bussed:
Isolated:
125m W
Series:
Ladder:
Voltage Divider: 75m W
Term inator:
O perating Tem perature Range
-55 ~ +125oC
Resistance Range
10
Ω ~ 3.3MegΩ (E24 Values)
Resistance Tem perature Coefficient
±100 ppm /oC (10
Ω~2MegΩ)
±200 ppm /oC (Values> 2M eg
Ω)
TC Tracking
±50 ppm /oC
M ax. Working Voltage
100 V or Rated Power x R esistance, whichever is less
Short Tim e O verload
±1% : JIS C-5202 5 5, 2.5 tim es m ax. working voltage
for 5 seconds
Load Life
±3% : JIS C-5202 7.10, 1000 hrs. at 70oC w ith rated
power applied, 1.5 hrs. on and 0.5 hr. off
M ositure Load Life
±3% : JIS C-5202 7.9, 500 hrs. at 40oC and 90 ~ 95%
RH with rated power applied, 1.5 hrs. on and 0.5 hr. off
Tem perature Cycle
±1% : JIS C-5202 7.4, 5 Cycles of 30 m inutes at -25oC,
15 m inutes at +25oC, 30 m inutes at +70oC and 15
m inutes at +25oC
Soldering Heat Resistance
±1% : JIS C-5202 6.4, 260±5oC for 10±1 seconds, 3m m
from the body
Vibration
±1% : 12hrs. at m ax. 20G s between 10 to 2kHz
Insulation R esistance
10,000 mW m in. at 100v
Solderability
Per M IL-R-83401
NRN Series


Similar Part No. - NRN13C104GLC

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NRN10-12GH40-E2 PF-NRN10-12GH40-E2 Datasheet
178Kb / 2P
   Inductive sensor
NRN10-12GH40-E2-V1 PF-NRN10-12GH40-E2-V1 Datasheet
196Kb / 2P
   Inductive sensor
NRN10-12GM40-A2-C PF-NRN10-12GM40-A2-C Datasheet
190Kb / 2P
   Inductive sensor
NRN10-12GM40-E2-C-V1 PF-NRN10-12GM40-E2-C-V1 Datasheet
199Kb / 2P
   Inductive sensor
NRN10-12GM40-E2-IO-C PF-NRN10-12GM40-E2-IO-C Datasheet
292Kb / 3P
   Inductive sensor
More results

Similar Description - NRN13C104GLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com