Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C28C150B Datasheet(PDF) 2 Page - Vicor Corporation

Part # V300C28C150B
Description  300Vin / 28Vout / 150Watts 300Vin / 28Vout / 150Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C28C150B Datasheet(HTML) 2 Page - Vicor Corporation

  V300C28C150B Datasheet HTML 1Page - Vicor Corporation V300C28C150B Datasheet HTML 2Page - Vicor Corporation V300C28C150B Datasheet HTML 3Page - Vicor Corporation V300C28C150B Datasheet HTML 4Page - Vicor Corporation V300C28C150B Datasheet HTML 5Page - Vicor Corporation V300C28C150B Datasheet HTML 6Page - Vicor Corporation V300C28C150B Datasheet HTML 7Page - Vicor Corporation V300C28C150B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V300C28C150B DC-DC Converter
Rev. 3
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
180
300
375
Vdc
Input surge withstand
400
Vdc
<100ms
Output voltage setpoint
27.72
28
28.28
Vdc
Nominal input; full load; 25°C
Output OVP setpoint
31.5
32.7
33.9
Vdc
25°C; recycle input voltage to restart ( 1 minute off )
Output power
150
Watts
At 100°C baseplate temperature
Efficiency
85.5
86.5
%
Nominal input; 75% of full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.2
%
Low line to high line; full load
Load regulation
±0.06
±0.3
%
No load to full load; nominal input
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Ripple and noise, p-p
180
225
mV
Nominal input; full load; 20 MHz bandwidth
Current limit
5.46
6.16
6.97
Amps
Output voltage 95% of nominal
Short circuit current
3.75
6.16
6.97
Amps
Output voltage <250mV
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
174.6
178.2
Vdc
Undervoltage turn-off
147.4
152.8
Vdc
Not included
Overvoltage turn-off/on
Vdc
Dissipation, standby
4.6
6.9
Watts
No load
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Baseplate
Slotted (Style 1)
Slotted baseplate (style 1) requires no designator.
For threaded baseplate add a "2" to the end of the
part number. For thru-hole add a "3".
Pin style
Short (Style 1)
For long pin configuration add “L” to the end of the
part number. See page 7 for pin dimensions.
MODULE MECHANICAL SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.


Similar Part No. - V300C28C150B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C28C150BF2 VICOR-V300C28C150BF2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C28C150BG2 VICOR-V300C28C150BG2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C28C150BL VICOR-V300C28C150BL Datasheet
817Kb / 13P
   Off-line systems with auto-ranging or PFC front ends, industrial and process control,
V300C28C150BL2 VICOR-V300C28C150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C28C150BN2 VICOR-V300C28C150BN2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
More results

Similar Description - V300C28C150B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300B28C250B VICOR-V300B28C250B Datasheet
145Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
V48C28C150B VICOR-V48C28C150B Datasheet
145Kb / 8P
   48Vin / 28Vout / 150Watts DC-DC Converter Module
V375C28C150B VICOR-V375C28C150B Datasheet
142Kb / 8P
   375Vin / 28Vout / 150Watts DC-DC Converter Module
V300B28C250A VICOR-V300B28C250A Datasheet
183Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
V300C12C150B VICOR-V300C12C150B Datasheet
142Kb / 8P
   300Vin / 12Vout / 150Watts DC-DC Converter Module
V300C15C150B VICOR-V300C15C150B Datasheet
142Kb / 8P
   300Vin / 15Vout / 150Watts DC-DC Converter Module
V300C24C150B VICOR-V300C24C150B Datasheet
142Kb / 8P
   300Vin / 24Vout / 150Watts DC-DC Converter Module
V300B3V3C150B VICOR-V300B3V3C150B Datasheet
145Kb / 8P
   300Vin / 3.3Vout / 150Watts DC-DC Converter Module
V300C48C150B VICOR-V300C48C150B Datasheet
142Kb / 8P
   300Vin / 48Vout / 150Watts DC-DC Converter Module
V300A28C500B VICOR-V300A28C500B Datasheet
151Kb / 8P
   300Vin / 28Vout / 500Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com