Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS512K8L-55DEIA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WMS512K8L-55DEIA
Description  512Kx8 MONOLITHIC SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMS512K8L-55DEIA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WMS512K8L-55DEIA Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 8Page - List of Unclassifed Manufacturers WMS512K8L-55DEIA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMS512K8-XXX
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
Vcc+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
DC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Sym
Conditions
Units
Min
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current*
ICC
CS = VIL, OE = VIH, f = 5MHz, Vcc = 5.5
160
mA
Standby Current
ISB
CS = VIH, OE = VIH, f = 5MHz, Vcc = 5.5
15
mA
Output Low Voltage
VOL
IOL = 8mA for 17 - 35ns,
0.4
V
IOL = 2.1mA for 45 - 55ns, VCC = 4.5
Output High Voltage
VOH
IOH = -4.0mA for 17 - 35ns,
2.4
V
IOH = -1.0mA for 45 - 55ns, VCC = 4.5
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
* Not 100% duty cycle
CAPACITANCE
(TA = +25
°C)
Parameter
Symbol
Condition
Package
Speed (ns)
Max
Unit
Input capacitance
CIN
VIN = 0V, f = 1.0MHz
32 Pin CSOJ, DIP,
15 to 55
20
pF
Flat Pack Evolutionary
32 Pin CLCC
15 to 55
15
pF
15 to 35
12
pF
45 to 55
20
pF
Output capicitance
COUT
VOUT = 0V, f = 1.0MHz
32 Pin CSOJ, DIP,
15 to 55
20
pF
Flat Pack Evolutionary
15 to 35
12
pF
45 to 55
20
pF
This parameter is guaranteed by design but not tested.
36 Pin CSOJ & Flat Pack
Revolutionary
Parameter
Symbol
Conditions
Units
Min
Max
Data Retention Supply Voltage
VDR
CS
≥ VCC -0.2V
2.0
5.5
V
Low Power Data Retention
ICCDR1
VCC = 3V
7
mA
Low Power Data Retention
ICCDR2
VCC = 2V
2
mA
DATA RETENTION CHARACTERISTICS FOR LOW POWER “L” VERSION
36 Pin CSOJ & Flat Pack
Revolutionary


Similar Part No. - WMS512K8L-55DEIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8L-55DEI WEDC-WMS512K8L-55DEI Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results

Similar Description - WMS512K8L-55DEIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com