Electronic Components Datasheet Search |
|
V375B28C150B Datasheet(PDF) 2 Page - Vicor Corporation |
|
V375B28C150B Datasheet(HTML) 2 Page - Vicor Corporation |
2 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 V375C28C150B DC-DC Converter Rev. 3 Page 2 of 8 Set your site on VICOR at www.vicorpower.com Parameter Min Typ Max Unit Notes Operating input voltage 250 375 425 Vdc Input surge withstand 500 Vdc <100ms Output voltage setpoint 27.72 28 28.28 Vdc Nominal input; full load; 25°C Output OVP setpoint 31.5 32.7 33.9 Vdc 25°C; recycle input voltage to restart ( 1 minute off ) Output power 150 Watts At 100°C baseplate temperature Efficiency 85 86 % Nominal input; 75% of full load; 25°C Parameter Min Typ Max Unit Notes Line regulation ±0.02 ±0.2 % Low line to high line; full load Load regulation ±0.06 ±0.2 % No load to full load; nominal input Temperature regulation ±0.002 ±0.005 % / °C Over operating temperature range Ripple and noise, p-p 150 188 mV Nominal input; full load; 20 MHz bandwidth Current limit 5.46 6.16 6.97 Amps Output voltage 95% of nominal Short circuit current 3.75 6.16 6.97 Amps Output voltage <250mV Power sharing accuracy ±2 ±5 % 10 to 100% of full load Programming range 10 110 % Of nominal output voltage. For trimming below 90% of nominal, a minimum load of 10% of maximum rated power may be required. Parameter Min Typ Max Unit Notes Undervoltage turn-on 242.5 247.5 Vdc Undervoltage turn-off 204.7 212.2 Vdc Overvoltage turn-off/on 429.2 446.3 467.5 Vdc Dissipation, standby 5 7.5 Watts No load MODULE OPERATING SPECIFICATIONS MODULE INPUT SPECIFICATIONS MODULE OUTPUT SPECIFICATIONS ELECTRICAL CHARACTERISTICS Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Baseplate Slotted (Style 1) Slotted baseplate (style 1) requires no designator. For threaded baseplate add a "2" to the end of the part number. For thru-hole add a "3". Pin style Short (Style 1) For long pin configuration add “L” to the end of the part number. See page 7 for pin dimensions. MODULE MECHANICAL SPECIFICATIONS Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications engineering at 800-927-9474. |
Similar Part No. - V375B28C150B |
|
Similar Description - V375B28C150B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |