Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1200R33KF2C Datasheet(PDF) 1 Page - eupec GmbH

Part # FZ1200R33KF2C
Description  IGBT-Wechselrichter / IGBT-inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FZ1200R33KF2C Datasheet(HTML) 1 Page - eupec GmbH

  FZ1200R33KF2C Datasheet HTML 1Page - eupec GmbH FZ1200R33KF2C Datasheet HTML 2Page - eupec GmbH FZ1200R33KF2C Datasheet HTML 3Page - eupec GmbH FZ1200R33KF2C Datasheet HTML 4Page - eupec GmbH FZ1200R33KF2C Datasheet HTML 5Page - eupec GmbH FZ1200R33KF2C Datasheet HTML 6Page - eupec GmbH FZ1200R33KF2C Datasheet HTML 7Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Technische Information / technical information
FZ1200R33KF2C
IGBT-Module
IGBT-modules
!""
!#"
Vorläufige Daten
preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
$
%&
%'
%
()* + !,-
()* + %!,-
./01
""
""
.
$
%2
2 %
(/ + "-
(/ + !,-
3/ 456
3/
!""
!"""
7
7
8
$
'
9
: +
; (/ + "-
3/<=
!>""
7
?
%.
@
(/ + !,-
8A5A
>;,
B
?
%&
%'
9
%
.C01
D %!"
.
Charakteristische Werte / characteristic values
#
#
E#
$
%&
'F
%
3/ + !"" 7; .C0 + , .; ()* + !,-
3/ + !"" 7; .C0 + , .; ()* + !,-
./0 GHA
;>"
>; "
>;!,
,;""
.
.
?
%'
@
3/ + !"
7; ./0 + .C0; ()* + !,-
.C0AI
>;!
,;
J;"
.
?
.C0 + % , . ### D , .; ./0 +
"".
KC
!!;"
L
3
?
@
()* + !,-
MCN4A
";>!
O
&
9 F
+
PQ9; ()* + !,- ; ./0 + !, .; .C0 + " .
NRG
,"
S
M
@
9 F
+
PQ9; ()* + !,- ; ./0 + !, .; .C0 + " .
TRG
;""
S
$
%&
M
%
%
./0 +
"" .; .C0 + " .; ()* + !,-
3/01
"; ,
!
7
?
%&
M
%
./0 + " .; .C0 + !" .; ()* + !,-
3C01
>""
7
&
9U
9
V
#
W
%
V
W
3/ + !"" 7; ./0 +
"" .
.C0 + X , .; MC54 + ";Y O;
C0 + !!" S; ()* + !,-
.C0 + X , .; MC54 + ";Y O;
C0 + !!" S; ()* + !,-
Z 54
";!
";!
L
L
7
9
V
W
V
W
3/ + !"" 7; ./0 +
"" .
.C0 + X , .; MC54 + ";Y O;
C0 + !!" S; ()* + !,-
.C0 + X , .; MC54 + ";Y O;
C0 + !!" S; ()* + !,-
T
";
";!"
L
L
7
9U
9
V
#
W
%
V
W
3/ + !"" 7; ./0 +
"" .
.C0 + X , .; MC5[[ + ;! O;
C0 + !!" S; ()* + !,-
.C0 + X , .; MC5[[ + ;! O;
C0 + !!" S; ()* + !,-
Z 5[[
;,,
;\"
L
L
S
9
V
W
V
W
3/ + !"" 7; ./0 +
"" .
.C0 + X , .; MC5[[ + ;! O;
C0 + !!" S; ()* + !,-
.C0 + X , .; MC5[[ + ;! O;
C0 + !!" S; ()* + !,-
[
";!"
";!"
L
L
&
8
%
3/ + !"" 7; ./0 +
"" .; 1 + >" Q
.C0 + X , .; MC54 + ";Y O;
C0 + !!" S; ()* + !,-
.C0 + X , .; MC54 + ";Y O;
C0 + !!" S; ()* + !,-
&54
>""
!!""
7
8
%
3/ + !"" 7; ./0 +
"" .; 1 + >" Q
.C0 + X , .; MC5[[ + ;! O;
C0 + !!" S; ()* + !,-
.C0 + X , .; MC5[[ + ;! O;
C0 + !!" S; ()* + !,-
&5[[
""
,,"
$ 9
]
'
: ^ " L ; .C0 ^ , .
()*^ !,- ; .// + !,"" .; ./06H_ + ./01 % G/0 `
31/
J"""
7
3
BF
@
; a
3? (
3? (
MAIb/
;," $ B
c
%BF
@
;
3? (
3? (
d:HGAR +
B V `$W
deTRHGR +
B V `$W
MAI/f
J;""
$ B


Similar Part No. - FZ1200R33KF2C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
FZ1200R33KF2C POWERINT-FZ1200R33KF2C Datasheet
276Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
More results

Similar Description - FZ1200R33KF2C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF100R07W1H5FP_B53 INFINEON-DF100R07W1H5FP_B53 Datasheet
726Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
logo
eupec GmbH
FZ1200R33KL2C-B5 EUPEC-FZ1200R33KL2C-B5 Datasheet
275Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS150R06KL4 EUPEC-FS150R06KL4 Datasheet
573Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
F4-100R17N3E4 INFINEON-F4-100R17N3E4 Datasheet
633Kb / 10P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2019-05-23
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com