Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1200R33KL2C-B5 Datasheet(PDF) 5 Page - eupec GmbH

Part # FZ1200R33KL2C-B5
Description  IGBT-Wechselrichter / IGBT-inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FZ1200R33KL2C-B5 Datasheet(HTML) 5 Page - eupec GmbH

  FZ1200R33KL2C-B5 Datasheet HTML 1Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 2Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 3Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 4Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 5Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 6Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 7Page - eupec GmbH FZ1200R33KL2C-B5 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technische Information / technical information
FZ1200R33KL2C_B5
IGBT-Module
IGBT-modules
!"
Vorläufige Daten
preliminary data
3<a
?
! T
V
3<a
?
! T
V
3<a
?
! T
V
3<a
?
! T
V
=
%
3<a
3
T
V
=
%
3<a
3
T
V
=
%
3<a
3
T
V
=
%
3<a
3
T
V
$54 ( TL@V2 $5YY ( TL@V
$54 ( TL@V2 $5YY ( TL@V
$54 ( TL@V2 $5YY ( TL@V
$54 ( TL@V2 $5YY ( TL@V
,@. ( W") ,2 3- ( "
72 ,-. ( "
,2 +@. ( 00
Q
,@. ( W") ,2 3- ( "
72 ,-. ( "
,2 +@. ( 00
Q
,@. ( W") ,2 3- ( "
72 ,-. ( "
,2 +@. ( 00
Q
,@. ( W") ,2 3- ( "
72 ,-. ( "
,2 +@. ( 00
Q
L@ uNv
0 1 2 3 4 5 6 7 8 9 10 11 12
12000
10000
8000
6000
4000
2000
0
$542 &' ( " )*+
$5YY2 &' ( " )*+
?D
=
3<a
?
!
?D
=
3<a
?
!
?D
=
3<a
?
!
?D
=
3<a
?
!
3<a
3<a
3<a
3<a
w>Ib- ( T V
w>Ib- ( T V
w>Ib- ( T V
w>Ib- ( T V
u v
0,001
0,01
0,1
1
10
0,1
1
10
100
w>Ib- 3<a
Mu B#?v
Mu v
"
02
)
2 0
2" )
2"
0
2)"
20
2
"
L
#=D
7
3<a
? ! TLa x7V
L
#=D
7
3<a
? ! TLa x7V
L
#=D
7
3<a
? ! TLa x7V
L
#=D
7
3<a
? ! TLa x7V
%
3<a
! TLa x7V
%
3<a
! TLa x7V
%
3<a
! TLa x7V
%
3<a
! TLa x7V
3- ( T,-.V
3- ( T,-.V
3- ( T,-.V
3- ( T,-.V
,@. ( W") ,2 L@5YY ( 2G N2 &' ( " )*+2 +@. ( 00
Q
,@. ( W") ,2 L@5YY ( 2G N2 &' ( " )*+2 +@. ( 00
Q
,@. ( W") ,2 L@5YY ( 2G N2 &' ( " )*+2 +@. ( 00
Q
,@. ( W") ,2 L@5YY ( 2G N2 &' ( " )*+2 +@. ( 00
Q
,-. u,v
0
500 1000 1500 2000 2500 3000 3500
3000
2400
1800
1200
600
0
3-2 O
3-2 +
1
\#
1
?
! T
V
1
\#
1
?
! T
V
1
\#
1
?
! T
V
1
\#
1
?
! T
V
=
T
V
=
T
V
=
T
V
=
T
V
3g ( T,gV
3g ( T,gV
3g ( T,gV
3g ( T,gV
,g u,v
0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0
2400
2000
1600
1200
800
400
0
&' ( )*+
&' ( " )*+


Similar Part No. - FZ1200R33KL2C-B5

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R33KL2C EUPEC-FZ1200R33KL2C Datasheet
278Kb / 8P
   IGBT-modules
More results

Similar Description - FZ1200R33KL2C-B5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF100R07W1H5FP_B53 INFINEON-DF100R07W1H5FP_B53 Datasheet
726Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
logo
eupec GmbH
FS150R06KL4 EUPEC-FS150R06KL4 Datasheet
573Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
F4-100R17N3E4 INFINEON-F4-100R17N3E4 Datasheet
633Kb / 10P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2019-05-23
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com