Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC91312A Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC91312A
Description  TONE / PULSE DIALER WITH REDIAL FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91312A Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC91312A Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91312A Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Silan
Semiconductors
SC91310 Series
HANGZHOU SILAN MICROELECTRONICS CO.,LTD.
Rev: 2.1
2002.12.03
2
BLOCK DIAGRAM
KEYBOARD
INTERFACE
15
16
17
18
1
2
3
4
D/A
CONVERTER
SYSTEM CLOCK
GENERATION
10
5
13
7
8
READ/WRITE
COUNTER
RAM
LOCATION
LATCH
ROW&COLUMN
PROGRAMMABLE
COUNTER
DATA LATCH&
DECODER
CONTROL
LOGIC
PULSE
CONTROL
LOGIC
12
9
11
R1
R2
R3
R4
C1
C2
C3
C4
DTMF
DP
T/P MUTE
XT
XT
B/M
MODE
HKS
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
DC Supply Voltage
VDD-VSS
-0.3~7.0
V
VIL
VSS-0.3
V
VIH
VDD+0.3
V
VOL
VSS-0.3
V
Input / Output Voltage
VOH
VDD+0.3
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-20~+70
°C
Storage Temperature
Tstg
-55~+125
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and
reliability of the device.


Similar Part No. - SC91312A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102C SILAN-SC9102C Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
List of Unclassifed Man...
SC9106 ETC1-SC9106 Datasheet
90Kb / 5P
   TONE RINGER SC9106
logo
Silan Microelectronics ...
SC91214 SILAN-SC91214 Datasheet
356Kb / 16P
   T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91215-A SILAN-SC91215-A Datasheet
356Kb / 16P
   T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
More results

Similar Description - SC91312A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com