Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-231-MU-BM Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-231-MU-BM
Description  Battery Charger Current Source Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-231-MU-BM Datasheet(HTML) 1 Page - Vicor Corporation

  VI-231-MU-BM Datasheet HTML 1Page - Vicor Corporation VI-231-MU-BM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 1-800-735-6200
74
Typical Model:
V I - 261 - E U- BM
Input: 300Vdc
Output: 12Vdc at 200W
1. Available in 300V input only.
Packaging Options:
SlimMod™, high power density, flangeless packages and FinMods™, featuring integral
finned heatsinks.
SlimMod: Add the suffix -S to the end of the BatMod part number.
FinMods: Add the suffix -F1 for .25"H Longitudinal Fin; F2 for .5"H Longitudinal Fin
-F3 for .25"H Transverse Fin; F4 for .5"H Transverse Fin
BatMod Specifications
(typical TBP = 25°C, nominal line, 75% load, unless otherwise specified)
Parameter
Remarks
Nominal Input Voltage
48Vdc, 150Vdc,
42-60V, 100-200V,
300Vdc
200-400V
Output Current
0-14.5A
12V battery system
(Refer to Safe Operating
0-7.25A
24V battery system
Curves below)
0-3.6A
48V battery system
Current Control Input
1V to 5V
Zero to max. current
Current Monitor Output
1V to 5V
Zero to full load
Voltage Control Input
0V to 2.5V
Zero to FS output
Output Voltage Setpoint
15V, 30V, 60V +/-1%
12V, 24V, 48V
Trimmable +10%, -25%
Output Respectively
Dynamic Characteristics
V Mode: 300 µsec typ.
V
NOM for 50-100%
I Mode: 250 µsec typ.
load changes
Operating Temp./Storage Temp.
-10°C to +85°C, -20°C to +100°C
E-Grade
-25°C to +85°C, -40°C to +100°C
C-Grade
-40°C to +85°C, -55°C to +100°C
I-Grade
-55°C to +85°C, -65°C to +100°C
M-Grade
Dielectric Withstand
Input to Output
3,000VRMS
Output to Baseplate
500VRMS
Input to Baseplate
1,500VRMS
Features
s Programmable Output Current
s Booster Versions Available
s Size: 4.6" x 2.4" x 0.5"
(116,8 x 61,0 x 12,7)
s UL, CSA, TÜV
s Compatible with All Major
Battery Types
s Inputs: 48, 150, 300Vdc
s Outputs: 12, 24, 48Vdc Nom.
s Analog Current Monitor
s Analog Overvoltage Adjust
s CE Marked
BatMod™
Battery Charger
Current Source Modules
Product Highlights
The BatMod combines Vicor’s industry
standard package with the flexibility of
a power converter whose output voltage
and output current may be independently
set. BatMod’s allow the user to
independently program a constant output
current and a maximum float voltage.
The float voltage is the point at which
the BatMod transitions from constant
current to constant voltage. These
features make the BatMod an ideal
candidate for battery charging and other
applications which require a controlled
current source.
The BatMod is also available in booster
versions that enable the designer to
create systems capable of multiple
kilowatts of output power.
With its wide range of input options, the
BatMod is compatible with all major
battery types. This new current output
module finds application in systems
where easily programmable current is of
primary importance.
Consult factory for availability of
input/output voltage ranges not shown.
Module
2 = Driver
B = Booster
Part Numbering
Input Voltage
Nominal
Range
3 = 48V
42 - 60V
5 = 150V 100 - 200V
6 = 300V 200 - 400V
Product Grade
E = -10°C to +85°C
C = -25°C to +85°C
I = -40°C to +85°C
M = -55°C to +85°C
Output Voltage
Nominal
Range
1 = 12V (11.25-16.5V)
3 = 24V
1 (22.5-33.0V)
4 = 48V (45.0-66.0V)
2
4
6
8
10
12
14
16
2
4
6
8 10 12 14 16
Safe Operating Area
High Program
Exceeded
Amps
4
8
12
16
20
24
28
32
1
2
3
4
56
7
8
Safe Operating Area
High Program
Exceeded
Amps
8
16
24
32
40
48
56
64
0.5 1
1.5 2 2.5 3 3.5
4
Safe Operating Area
High Program
Exceeded
Current
Exceeded
Amps
36
72
18
12V Battery System
24V Battery System
48V Battery System
13.8V
27.6V
55.2V
Power
Exceeded
Power
Exceeded
Power
Exceeded
16.5V
14.5A
33.0V
7.25A
3.6A
66.0V
11.25V
22.5V
45.0V
6.9V*
13.8V*
27.6V*
*Maximum recommended battery discharge.
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Current
Exceeded
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Current
Exceeded
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Safe Operating Conditions


Similar Part No. - VI-231-MU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-231-MU-BM VICOR-VI-231-MU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
More results

Similar Description - VI-231-MU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-231-EU-BM VICOR-VI-231-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
247Kb / 3P
   BatMod Battery Charger Current Source Modules
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Microsemi Corporation
LX2205 MICROSEMI-LX2205 Datasheet
320Kb / 14P
   1A Li-Ion Battery Charger with Power Source Management
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com