Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD3055V Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTD3055V
Description  Power MOSFET 12Amps, 60 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD3055V Datasheet(HTML) 3 Page - ON Semiconductor

  MTD3055V Datasheet HTML 1Page - ON Semiconductor MTD3055V Datasheet HTML 2Page - ON Semiconductor MTD3055V Datasheet HTML 3Page - ON Semiconductor MTD3055V Datasheet HTML 4Page - ON Semiconductor MTD3055V Datasheet HTML 5Page - ON Semiconductor MTD3055V Datasheet HTML 6Page - ON Semiconductor MTD3055V Datasheet HTML 7Page - ON Semiconductor MTD3055V Datasheet HTML 8Page - ON Semiconductor MTD3055V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTD3055V
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
1234
5
0
8
16
24
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
24
6
8
10
0
8
16
24
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
8
12
16
20
24
0
0.1
0.2
0.3
04
8
16
20
24
0.08
0.09
0.11
0.13
0.15
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0
2030
4050
60
1
10
100
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = -55°C
25°C
100°C
-55°C
VGS = 10 V
9 V
8 V
7 V
6 V
5 V
4 V
4
12
20
35
79
4
12
20
TJ = 25°C
VGS = 10 V
25°C
4
0.05
0.15
0.25
VGS = 10 V
15 V
12
0.1
0.12
0.14
VGS = 0 V
TJ = 125°C
10
TJ = 100°C
-50
0.6
0.8
1.2
1.6
TJ, JUNCTION TEMPERATURE (°C)
-25
0
25
50
75
100
125
150
VGS = 10 V
ID = 6 A
1.0
1.4
175


Similar Part No. - MTD3055V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
logo
Fairchild Semiconductor
MTD3055V FAIRCHILD-MTD3055V Datasheet
380Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
MTD3055V ISC-MTD3055V Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTD3055V-1G VBSEMI-MTD3055V-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Motorola, Inc
MTD3055VL MOTOROLA-MTD3055VL Datasheet
209Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
More results

Similar Description - MTD3055V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
logo
Motorola, Inc
MMDF3N06HD MOTOROLA-MMDF3N06HD Datasheet
213Kb / 10P
   DUAL TMOS POWER MOSFET 60 VOLTS
logo
ON Semiconductor
NTP45N06 ONSEMI-NTP45N06 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTF3055-100T1G ONSEMI-NTF3055-100T1G Datasheet
113Kb / 6P
   Power MOSFET 3.0 Amps, 60 Volts
October, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com