Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8102 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT8102
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT8102 Datasheet HTML 6Page - Texas Instruments PT8102 Datasheet HTML 7Page - Texas Instruments PT8102 Datasheet HTML 8Page - Texas Instruments PT8102 Datasheet HTML 9Page - Texas Instruments PT8102 Datasheet HTML 10Page - Texas Instruments PT8102 Datasheet HTML 11Page - Texas Instruments PT8102 Datasheet HTML 12Page - Texas Instruments PT8102 Datasheet HTML 13Page - Texas Instruments PT8102 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
10
Pin-Coded Output Voltage Programming of the
40-A Rated PT8100 Series Regulators
The PT8100 series of Excalibur® ISRs incorporate a
pin-coded programmable output voltage. In each case
the desired output voltage must be selected from a preset
range defined by the regulator model. Programming is
achieved by selectively connecting the control inputs,
“VID0–VID4” (“VID 25mV–VID3” for PT8104), pins 1–5,
to the “VID Common,” pin 11. 1 The programming code
and pinout information for each model is provided in the
PT8100 specifications. Some of the program codes are
compatible with the “Voltage ID” codes defined by the
Intel® VRM specifications. Figure 1 shows the pin-strap
connections for selecting 1.5V output voltage from a
PT8101.
Notes:
1. The programming convention is as follows:-
Logic 0:
Connect to pin 11 (VID Common).
Logic 1:
Open circuit/open drain (See notes 2, & 4)
2. The output voltage range of the PT8101 is limited to
2.7V maximum. Above this voltage, the performance of
the module is not guaranteed. Although the module will
appear to function above this voltage, VID 4 (pin 5)
should not be used to set the output voltage higher than
2.7V.
3. Do not connect pull-up resistors to the voltage
programming pins.
4. To minimize output voltage error, use pin 11 (VID
Common) as the logic “0” reference. However if the
regulator is used to power a VRM compatible
Figure 1
microprocessor this may not be possible. In this case
either connect pin 11 to pins 17–22, or the ground
plane close to the regulator. This will allow the
microprocessor to use the common ground as a VID
control reference.
4. If active devices are used to ground the voltage control
pins, low-level open-drain MOSFETs should be used over
bipolar transistors. The inherent Vce(sat) in bipolar devices
introduces errors in the device’s internal voltage control
circuit. Discrete transistors such as the BSS138, 2N7002,
IRLML2402, are examples of appropriate devices.
Active Voltage Programming:
Special precautions should be taken when making changes
to the voltage control progam code while the output is
active. It is recommended that the ISR be powered down
or placed in standby. Changes made to the program code
while Vout is active can induce high current transients
through the device. This is the result of the electrolytic
output capacitors being either charged or discharged to the
new output voltage set-point. The transient current can be
minimized by making only incremental changes to the
binary code, i.e. one LSB at a time. A minimum of 100µs
settling time between each program state is also recom-
mended. Making non-incremental changes to VID3 and
VID4 with the output enabled is discouraged. The tran-
sients induced may activate the module’s over-current
protection. When using active devices to program the
output voltage, their state should be asserted prior to
input power being applied. If this is not possible, pull
STBY* (pin 6) to GND during the application of power,
assert the program code, then release pin 6. The release
of pin 6 will then to allow the device to initiate a soft-
start power-up to the program voltage.
PT8100 Series
L
O
A
D
C
OUT
+
C
IN
+
V
IN
V
O =1.5V
GND
V
O SENSE
L
in
1µH
GND
VID0
VID1
VID2
VID3
VID4
PT8101
4321
31
23–30
617–22
12–16
5
11
VID4 – VID0
Sense
V
IN
V
OUT
STBY
GND
VID
Common
Q1
BSS138
1 =OFF


Similar Part No. - PT8102

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
More results

Similar Description - PT8102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com