Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD3055V1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MTD3055V1
Description  Power MOSFET 12Amps, 60 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD3055V1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MTD3055V1 Datasheet HTML 4Page - ON Semiconductor MTD3055V1 Datasheet HTML 5Page - ON Semiconductor MTD3055V1 Datasheet HTML 6Page - ON Semiconductor MTD3055V1 Datasheet HTML 7Page - ON Semiconductor MTD3055V1 Datasheet HTML 8Page - ON Semiconductor MTD3055V1 Datasheet HTML 9Page - ON Semiconductor MTD3055V1 Datasheet HTML 10Page - ON Semiconductor MTD3055V1 Datasheet HTML 11Page - ON Semiconductor MTD3055V1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MTD3055V
http://onsemi.com
10
PACKAGE DIMENSIONS
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
---
0.51
---
V
0.030
0.050
0.77
1.27
Z
0.138
---
3.51
---
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
DPAK
CASE 369A–13
ISSUE AA


Similar Part No. - MTD3055V1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
logo
Fairchild Semiconductor
MTD3055V FAIRCHILD-MTD3055V Datasheet
380Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
MTD3055V ISC-MTD3055V Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTD3055V-1G VBSEMI-MTD3055V-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Motorola, Inc
MTD3055VL MOTOROLA-MTD3055VL Datasheet
209Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
More results

Similar Description - MTD3055V1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
logo
Motorola, Inc
MMDF3N06HD MOTOROLA-MMDF3N06HD Datasheet
213Kb / 10P
   DUAL TMOS POWER MOSFET 60 VOLTS
logo
ON Semiconductor
NTP45N06 ONSEMI-NTP45N06 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTF3055-100T1G ONSEMI-NTF3055-100T1G Datasheet
113Kb / 6P
   Power MOSFET 3.0 Amps, 60 Volts
October, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com