Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

136RVI Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum electrolytic capacitors Radial, Very Low Impedance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 4 Page - Vishay Siliconix

  136RVI Datasheet HTML 1Page - Vishay Siliconix 136RVI Datasheet HTML 2Page - Vishay Siliconix 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2000 Jan 18
5
BC Components
Product specification
Aluminum electrolytic capacitors
Radial, Very Low Impedance
136 RVI
Table 1
Physical dimensions mass and packaging quantities; see Figs 2, 3 and 4
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance with “IEC 60062” (M for ±20%)
• Rated voltage (in V)
• Upper category temperature (105 °C)
• Group number (136)
• Code indicating factory of origin
• Name of manufacturer
• Date code, in accordance with “IEC 60062”
• Negative terminal identification.
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
∅d
(mm)
∅Dmax
(mm)
Lmax
(mm)
F
(mm)
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
FORM
CB
FORM
TFA
10
× 12
14
0.6
10.5
13.5
5.0
±0.5
≈1.6
1000
500
800
10
× 16
15
0.6
10.5
17.5
5.0
±0.5
≈1.9
500
500
800
10
× 20
16
0.6
10.5
22.0
5.0
±0.5
≈2.2
500
500
800
10
× 25
16L
0.6
10.5
27.0
5.0
±0.5
≈3.0
1000
1500
800
10
× 30
16LL
0.6
10.5
32.0
5.0
±0.5
≈3.5
1000
750
12.5
× 16
17a
0.6
13.0
17.5
5.0
±0.5
≈2.7
1000
1500
500
12.5
× 20
17
0.6
13.0
22.0
5.0
±0.5
≈4.0
500
500
500
12.5
× 25
18
0.6
13.0
27.0
5.0
±0.5
≈5.0
250
250
500
12.5
× 31
18L
0.6
13.0
33.5
5.0
±0.5
≈5.5
1000
750
16
× 20
19a
0.8
16.5
22.0
7.5
±0.5
≈6.0
250
250
250
16
× 25
19
0.8
16.5
27.0
7.5
±0.5
≈8.0
250
250
250
16
× 31
20
0.8
16.5
33.5
7.5
±0.5
≈9.0
100
100
250
16
× 35
21
0.8
16.5
37.5
7.5
±0.5
≈11.0
100
100
18
× 20
1820
0.8
18.5
22.0
7.5
±0.5
≈8.0
100
100
18
× 25
1825
0.8
18.5
27.0
7.5
±0.5
≈10.0
100
100
18
× 31
1831
0.8
18.5
33.5
7.5
±0.5
≈12.5
100
100
18
× 35
22
0.8
18.5
37.5
7.5
±0.5
≈14.5
100
100


Similar Part No. - 136RVI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 21-Dec-07
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
More results

Similar Description - 136RVI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 21-Dec-07
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
146RTI VISHAY-146RTI_17 Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com