Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM248GBK32-80 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM248GBK32-80
Description  DYNAMIC RAM MODULES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM248GBK32-80 Datasheet(HTML) 1 Page - Texas Instruments

  TM248GBK32-80 Datasheet HTML 1Page - Texas Instruments TM248GBK32-80 Datasheet HTML 2Page - Texas Instruments TM248GBK32-80 Datasheet HTML 3Page - Texas Instruments TM248GBK32-80 Datasheet HTML 4Page - Texas Instruments TM248GBK32-80 Datasheet HTML 5Page - Texas Instruments TM248GBK32-80 Datasheet HTML 6Page - Texas Instruments TM248GBK32-80 Datasheet HTML 7Page - Texas Instruments TM248GBK32-80 Datasheet HTML 8Page - Texas Instruments TM248GBK32-80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TM124FBK32, TM124FBK32S 1048576 BY 32-BIT
TM248GBK32, TM248GBK32S 2097152 BY 32-BIT
DYNAMIC RAM MODULES
SMMS664A – DECEMBER 1995 – REVISED JUNE 1996
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization
TM124FBK32 ...1048 576
× 32
TM248GBK32 ...2 097 152
× 32
D Single 5-V Power Supply
D 72-pin Single In-Line Memory Module
(SIMM) for Use With Sockets
D TM124FBK32 Utilizes Eight 4M-Bit Dynamic
RAMs (DRAMs) in Plastic Small-Outline
J-Lead (SOJ) Packages
D TM248GBK32 Utilizes Sixteen 4M-Bit
DRAMs in Plastic SOJ Packages
D Long Refresh Period
16 ms (1 024 Cycles)
D All Inputs, Outputs, Clocks Fully TTL
Compatible
D 3-State Output
D Common CAS Control for Eight Common
Data-In and Data-Out Lines, In Four Blocks
D Extended Data-Out (EDO) Operation With
CAS-Before-RAS (CBR), RAS-Only, and
Hidden Refresh
D JEDEC First Generation 72-Pin SIMM
Pinout
D Presence Detect
D Performance Ranges:
ACCESS
ACCESS ACCESS EDO
TIME
TIME
TIME CYCLE
tRAC
tAA
tCAC
tHPC
(MAX)
(MAX)
(MIN)
(MIN)
’124FBK32-60
60 ns
30 ns
15 ns
25 ns
’124FBK32-70
70 ns
35 ns
18 ns
30 ns
’124FBK32-80
80 ns
40 ns
20 ns
35 ns
’248GBK32-60
60 ns
30 ns
15 ns
25 ns
’248GBK32-70
70 ns
35 ns
18 ns
30 ns
’248GBK32-80
80 ns
40 ns
20 ns
35 ns
D Low Power Dissipation
D Operating Free-Air Temperature
Range...0
°C to 70°C
D Gold-Tabbed Versions Available:
– TM124FBK32
– TM248GBK32
D Tin-Lead- (Solder-) Tabbed Versions
Available:
– TM124FBK32S
– TM248GBK32S
description
TM124FBK32
The TM124FBK32 is a 4M-byte DRAM organized as four times 1 048 576
× 8 in a 72-pin leadless SIMM. The
SIMM is composed of eight TMS44409, 1 048 576
× 4-bit DRAMs, each in a 20/26-lead plastic SOJ package,
mounted on a substrate together with decoupling capacitors. Each TMS44409 is described in the TMS44409
data sheet. The TM124FBK32 is available in the single-sided BK leadless module for use with sockets.
TM248GBK32
The TM248GBK32 is a 8M-byte DRAM organized as four times 2 097 152
× 8 in a 72-pin leadless SIMM. The
SIMM is composed of sixteen TMS44409, 1 048 576
× 4-bit DRAMs, each in a 20/26-lead plastic SOJ package,
mounted on a substrate together with decoupling capacitors. Each TMS44409 is described in the TMS44409
data sheet. The TM248GBK32 is available in the double-sided BK leadless module for use with sockets.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1996, Texas Instruments Incorporated
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TM248GBK32-80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248GBK32F TI1-TM248GBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248GBK32F-60 TI1-TM248GBK32F-60 Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248GBK32F-70 TI1-TM248GBK32F-70 Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248GBK32H TI1-TM248GBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM248GBK32H-60 TI1-TM248GBK32H-60 Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM248GBK32-80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32H TI1-TM124BBK32H Datasheet
146Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com