Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FNAI013 Datasheet(PDF) 8 Page - SPANSION

Part # S25FL002D0FNAI013
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FNAI013 Datasheet(HTML) 8 Page - SPANSION

Back Button S25FL002D0FNAI013 Datasheet HTML 4Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 5Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 6Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 7Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 8Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 9Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 10Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 11Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Figure 1. Bus Master and Memory Devices on the SPI Bus
Note: The Write Protect (W#) and Hold (HOLD#) signals should be driven, High or Low as appropriate.
Figure 2. SPI Modes Supported
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
Bus Master
CS3
CS2
CS1
SPI Memory
Device
SPI Memory
Device
SPI Memory
Device
CS#
W# HOLD#
CS#
W# HOLD#
CS#
W# HOLD#
SCK SO SI
SCK SO SI
SCK SO SI
SO
SI
SCK
MSB
MSB
SCK
SCK
SI
SO
CPHA
CPOL
00
11
CS#


Similar Part No. - S25FL002D0FNAI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI000 SPANSION-S25FL004AOLMAI000 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI001 SPANSION-S25FL004AOLMAI001 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI002 SPANSION-S25FL004AOLMAI002 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI003 SPANSION-S25FL004AOLMAI003 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
More results

Similar Description - S25FL002D0FNAI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com