Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS300-12IO3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CS300-12IO3
Description  Phase Control Thyristors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS300-12IO3 Datasheet(HTML) 3 Page - IXYS Corporation

  CS300-12IO3 Datasheet HTML 1Page - IXYS Corporation CS300-12IO3 Datasheet HTML 2Page - IXYS Corporation CS300-12IO3 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 1999 IXYS All rights reserved
3 - 3
CS 300
Fig. 6 Power dissipation versus on-state current and ambient temperature (sinusoidal current)
20
40
60
80
100 120 140
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
62
71
80
89
98
107
116
125
0
P
T
W
I
T(AV)M
A
T
amb
°C
P
T
W
T
c
°C
20
40
60
80
100 120 140
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
62
71
80
89
98
107
116
125
0
P
T
W
I
T(AV)M
A
T
amb
°C
P
T
W
T
c
°C
0
50
100
150
0
100
200
300
400
500
10-3
10-2
10-1
100
101
1000
2000
3000
4000
5000
6000
7000
8000
9000
I
T(AV)M
I
TSM
A
t
T
c
A
s
°C
Fig. 7 Power dissipation versus on-state current and ambient temperature (rectangular current)
Fig. 4 Surge overload current
I
TSM: crest value, t: duration
Fig. 5 Maximum forward current at
case temperature 180° sine
V
R = 0 V
T
VJ = 45°C
T
VJ = 125°C
R
thCA = 0.03 K/W+RthHA
R
thCA :
0.07 K/W
0.12 K/W
0.165 K/W
0.28 K/W
0.85 k/W
DC
180° sin
120° sin
90° sin
60° sin
30° sin
DC
180°
120°
90°
60°
30°
R
thCA = 0.03 K/W+RthHA
R
thCA :
0.07 K/W
0.12 K/W
0.165 K/W - K 25 (S)
0.28 K/W
0.85 k/W - K 25 (S)
ase


Similar Part No. - CS300-12IO3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Cirrus Logic
CS3001 CIRRUS-CS3001 Datasheet
287Kb / 16P
   PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
CS3001 CIRRUS-CS3001 Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3001 CIRRUS-CS3001 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3001-IS CIRRUS-CS3001-IS Datasheet
287Kb / 16P
   PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
More results

Similar Description - CS300-12IO3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com