Electronic Components Datasheet Search |
|
S25FL001D0FNFI003 Datasheet(PDF) 9 Page - SPANSION |
|
S25FL001D0FNFI003 Datasheet(HTML) 9 Page - SPANSION |
9 / 38 page June 9, 2004 30167A+1 S25FL Family (Serial Peripheral Interface) 9 Pre limin ary I n f o r m a t ion Operating Features All data into and out of the device is shifted in 8-bit chunks. Page Programming To program one data byte, two instructions are required: Write Enable (WREN), which is one byte, and a Page Program (PP) sequence, which consists of four bytes plus data. This is followed by the internal Program cycle. To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be pro- grammed at a time (changing bits from 1 to 0), provided that they lie in consecutive addresses on the same page of memory. Sector Erase, or Bulk Erase The Page Program (PP) instruction allows bits to be programmed from 1 to 0. Be- fore this can be applied, the bytes of the memory need to be first erased to all 1’s (FFh) before any programming. This can be achieved in two ways: 1) a sector at a time using the Sector Erase (SE) instruction, or 2) throughout the entire memory, using the Bulk Erase (BE) instruction. Polling During a Write, Program, or Erase Cycle A further improvement in the time to Write Status Register (WRSR), Program (PP) or Erase (SE or BE) can be achieved by not waiting for the worst-case delay. The Write in Progress (WIP) bit is provided in the Status Register so that the applica- tion program can monitor its value, polling it to establish when the previous Write cycle, Program cycle, or Erase cycle is complete. Active Power and Standby Power Modes When Chip Select (CS#) is Low, the device is enabled, and in the Active Power mode. When Chip Select (CS#) is High, the device is disabled, but could remain in the Active Power mode until all internal cycles have completed (Program, Erase, Write Status Register). The device then goes into the Standby Power mode. The device consumption drops to ISB. This can be used as an extra soft- ware protection mechanism, when the device is not in active use, to protect the device from inadvertent Write, Program, or Erase instructions. Status Register The Status Register contains a number of status and control bits, as shown in Fig- ure 7, that can be read or set (as appropriate) by specific instructions WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status Register, Program or Erase cycle. WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They de- fine the size of the area to be software protected against Program and Erase instructions. SRWD bit: The Status Register Write Disable (SRWD) bit is operated in con- junction with the Write Protect (W#) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W#) signal allow the device to be put in the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits. |
Similar Part No. - S25FL001D0FNFI003 |
|
Similar Description - S25FL001D0FNFI003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |