Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL001D0FNAI013 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL001D0FNAI013
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL001D0FNAI013 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL001D0FNAI013 Datasheet HTML 6Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 7Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 8Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 9Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 10Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 11Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 12Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 13Page - SPANSION S25FL001D0FNAI013 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Protection Modes
The SPI memory device boasts the following data protection mechanisms:
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its
reset state by the following events:
—Power-up
— Write Disable (WRDI) instruction completion
— Write Status Register (WRSR) instruction completion
— Page Program (PP) instruction completion
— Sector Erase (SE) instruction completion
— Bulk Erase (BE) instruction completion
The Block Protect (BP1, BP0) bits allow part of the memory to be configured
as read-only. This is the Software Protected Mode (SPM).
The Write Protect (W#) signal works in cooperation with the Status Register
Write Disable (SRWD) bit to enable write-protection. This is the Hardware
Protected Mode (HPM).
Program, Erase and Write Status Register instructions are checked to verify
that they consist of a number of clock pulses that is a multiple of eight, before
they are accepted for execution.
Table 1. Protected Area Sizes (S25FL002D).
Table 2. Protected Area Sizes (S25FL001D).
Note:The device is ready to accept a Bulk Erase (BE) instruction, if and only if, both Block Protect (BP1 and BP0) are 0.
Hold Condition Modes
The Hold (HOLD#) signal is used to pause any serial communications with the
device without resetting the clocking sequence. Hold (HOLD#) signal gates the
clock input to the device. However, taking this signal Low does not terminate any
Write Status Register, Program or Erase Cycle that is currently in progress.
Protected
Memory
Area
Status Register Content
Memory Content
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
0%
0
0
none
00000–3FFFF
25%
0
1
30000–3FFFF
00000–2FFFF
50%
1
0
20000–3FFFF
00000–1FFFF
100%
1
1
00000–3FFFF
none
Protected
Memory
Area
Status Register Content
Memory Content
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
0%
0
0
none
00000–1FFFF
25%
0
1
18000–1FFFF
00000–17FFF
50%
1
0
10000–1FFFF
00000–0FFFF
100%
1
1
00000–1FFFF
none


Similar Part No. - S25FL001D0FNAI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI000 SPANSION-S25FL004AOLMAI000 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI001 SPANSION-S25FL004AOLMAI001 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI002 SPANSION-S25FL004AOLMAI002 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI003 SPANSION-S25FL004AOLMAI003 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
More results

Similar Description - S25FL001D0FNAI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com