Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL001D0FMFI013 Datasheet(PDF) 9 Page - SPANSION

Part # S25FL001D0FMFI013
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL001D0FMFI013 Datasheet(HTML) 9 Page - SPANSION

Back Button S25FL001D0FMFI013 Datasheet HTML 5Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 6Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 7Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 8Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 9Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 10Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 11Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 12Page - SPANSION S25FL001D0FMFI013 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
9
Pre limin ary
I n f o r m a t ion
Operating Features
All data into and out of the device is shifted in 8-bit chunks.
Page Programming
To program one data byte, two instructions are required: Write Enable (WREN),
which is one byte, and a Page Program (PP) sequence, which consists of four
bytes plus data. This is followed by the internal Program cycle. To spread this
overhead, the Page Program (PP) instruction allows up to 256 bytes to be pro-
grammed at a time (changing bits from 1 to 0), provided that they lie in
consecutive addresses on the same page of memory.
Sector Erase, or Bulk Erase
The Page Program (PP) instruction allows bits to be programmed from 1 to 0. Be-
fore this can be applied, the bytes of the memory need to be first erased to all
1’s (FFh) before any programming. This can be achieved in two ways: 1) a sector
at a time using the Sector Erase (SE) instruction, or 2) throughout the entire
memory, using the Bulk Erase (BE) instruction.
Polling During a Write, Program, or Erase Cycle
A further improvement in the time to Write Status Register (WRSR), Program (PP)
or Erase (SE or BE) can be achieved by not waiting for the worst-case delay. The
Write in Progress (WIP) bit is provided in the Status Register so that the applica-
tion program can monitor its value, polling it to establish when the previous Write
cycle, Program cycle, or Erase cycle is complete.
Active Power and Standby Power Modes
When Chip Select (CS#) is Low, the device is enabled, and in the Active Power
mode. When Chip Select (CS#) is High, the device is disabled, but could remain
in the Active Power mode until all internal cycles have completed (Program,
Erase, Write Status Register). The device then goes into the Standby Power
mode. The device consumption drops to ISB. This can be used as an extra soft-
ware protection mechanism, when the device is not in active use, to protect the
device from inadvertent Write, Program, or Erase instructions.
Status Register
The Status Register contains a number of status and control bits, as shown in Fig-
ure 7, that can be read or set (as appropriate) by specific instructions
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is
busy with a Write Status Register, Program or Erase cycle.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal
Write Enable Latch.
BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They de-
fine the size of the area to be software protected against Program and Erase
instructions.
SRWD bit: The Status Register Write Disable (SRWD) bit is operated in con-
junction with the Write Protect (W#) signal. The Status Register Write Disable
(SRWD) bit and Write Protect (W#) signal allow the device to be put in the
Hardware Protected mode. In this mode, the non-volatile bits of the Status
Register (SRWD, BP1, BP0) become read-only bits.


Similar Part No. - S25FL001D0FMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI000 SPANSION-S25FL004AOLMAI000 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI001 SPANSION-S25FL004AOLMAI001 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI002 SPANSION-S25FL004AOLMAI002 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI003 SPANSION-S25FL004AOLMAI003 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
More results

Similar Description - S25FL001D0FMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com