Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2114T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN2114T1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2114T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MUN2114T1 Datasheet HTML 1Page - ON Semiconductor MUN2114T1 Datasheet HTML 2Page - ON Semiconductor MUN2114T1 Datasheet HTML 3Page - ON Semiconductor MUN2114T1 Datasheet HTML 4Page - ON Semiconductor MUN2114T1 Datasheet HTML 5Page - ON Semiconductor MUN2114T1 Datasheet HTML 6Page - ON Semiconductor MUN2114T1 Datasheet HTML 7Page - ON Semiconductor MUN2114T1 Datasheet HTML 8Page - ON Semiconductor MUN2114T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 14
Publication Order Number:
MUN2111T1/D
1
MUN2111T1 Series
Preferred Devices
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resi st or bias network. The
Bias Resistor Transistor (BRT) contains a single transistor with a
monolithic bias network consisting of two resistors; a series base
resistor and a base−emitter resistor. The BRT eliminates these
individual components by integrating them into a single device. The
use of a BRT can reduce both system cost and board space. The device
is housed in the SC−59 package which is designed for low power
surface mount applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Moisture Sensitivity Level: 1
ESD Rating − Human Body Model: Class 1
ESD Rating − Machine Model: Class B
The SC−59 package can be soldered using wave or reflow.
The modified gull−winged leads absorb thermal stress during
soldering eliminating the possibility of damage to the die.
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD
230 (Note 1)
338 (Note 2)
1.8 (Note 1)
2.7 (Note 2)
mW
°C/W
Thermal Resistance −
Junction−to−Ambient
RqJA
540 (Note 1)
370 (Note 2)
°C/W
Thermal Resistance −
Junction−to−Lead
RqJL
264 (Note 1)
287 (Note 2)
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 inch Pad.
SC−59
CASE 318D
PLASTIC
MARKING DIAGRAM
PIN 3
COLLECTOR
(OUTPUT)
PIN 1
EMITTER
(GROUND)
PIN 2
BASE
(INPUT)
R1
R2
2
1
3
6x M
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
*See device marking table on page 2 of this data sheet.
DEVICE MARKING INFORMATION
Preferred devices are recommended choices for future use
and best overall value.
6x = Specific Device Code*
M = Date Code
http://onsemi.com


Similar Part No. - MUN2114T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2114T1 MOTOROLA-MUN2114T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN2114T1 ONSEMI-MUN2114T1 Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2114T1G ONSEMI-MUN2114T1G Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2114T1G ONSEMI-MUN2114T1G Datasheet
147Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN2114T1G ONSEMI-MUN2114T1G Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
More results

Similar Description - MUN2114T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com