Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5212DW1T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUN5212DW1T1
Description  Dual Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5212DW1T1 Datasheet(HTML) 2 Page - ON Semiconductor

  MUN5212DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5212DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MUN5211DW1T1 Series
http://onsemi.com
2
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
Shipping
MUN5211DW1T1
SOT−363
7A
10
10
3000/Tape & Reel
MUN5212DW1T1
SOT−363
7B
22
22
3000/Tape & Reel
MUN5213DW1T1
SOT−363
7C
47
47
3000/Tape & Reel
MUN5214DW1T1
SOT−363
7D
10
47
3000/Tape & Reel
MUN5215DW1T1
SOT−363
7E
10
3000/Tape & Reel
MUN5216DW1T1
SOT−363
7F
4.7
3000/Tape & Reel
MUN5230DW1T1
SOT−363
7G
1.0
1.0
3000/Tape & Reel
MUN5231DW1T1
SOT−363
7H
2.2
2.2
3000/Tape & Reel
MUN5232DW1T1
SOT−363
7J
4.7
4.7
3000/Tape & Reel
MUN5233DW1T1
SOT−363
7K
4.7
47
3000/Tape & Reel
MUN5234DW1T1
SOT−363
7L
22
47
3000/Tape & Reel
MUN5235DW1T1
SOT−363
7M
2.2
47
3000/Tape & Reel
MUN5236DW1T1
SOT−363
7N
100
100
3000/Tape & Reel
MUN5237DW1T1
SOT−363
7P
47
22
3000/Tape & Reel
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
MUN5211DW1T1
(VEB = 6.0 V, IC = 0)
MUN5212DW1T1
MUN5213DW1T1
MUN5214DW1T1
MUN5215DW1T1
MUN5216DW1T1
MUN5230DW1T1
MUN5231DW1T1
MUN5232DW1T1
MUN5233DW1T1
MUN5234DW1T1
MUN5235DW1T1
MUN5236DW1T1
MUN5237DW1T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 3.) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - MUN5212DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5212DW1T1 MOTOROLA-MUN5212DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
Leshan Radio Company
MUN5212DW1T1 LRC-MUN5212DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5212DW1T1 ONSEMI-MUN5212DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5212DW1T1 ETL-MUN5212DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
ON Semiconductor
MUN5212DW1T1 ONSEMI-MUN5212DW1T1 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
More results

Similar Description - MUN5212DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com