Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2216T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2216T1
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2216T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2216T1 Datasheet HTML 1Page - ON Semiconductor MUN2216T1 Datasheet HTML 2Page - ON Semiconductor MUN2216T1 Datasheet HTML 3Page - ON Semiconductor MUN2216T1 Datasheet HTML 4Page - ON Semiconductor MUN2216T1 Datasheet HTML 5Page - ON Semiconductor MUN2216T1 Datasheet HTML 6Page - ON Semiconductor MUN2216T1 Datasheet HTML 7Page - ON Semiconductor MUN2216T1 Datasheet HTML 8Page - ON Semiconductor MUN2216T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MUN2211T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 5) (Continued)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN2230T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN2215T1
MUN2216T1
MUN2233T1
MUN2240T1
VOH
4.9
Vdc
Input Resistor
MUN2211T1
MUN2212T1
MUN2213T1
MUN2214T1
MUN2215T1
MUN2216T1
MUN2230T1
MUN2231T1
MUN2232T1
MUN2233T1
MUN2234T1
MUN2235T1
MUN2236T1
MUN2237T1
MUN2240T1
MUN2241T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
70
70
32.9
32.9
70
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
100
100
47
47
100
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
130
130
61.1
61.1
100
kW
Resistor Ratio
MUN2211T1/MUN2212T1/MUN2213T1/
MUN2236T1
MUN2214T1
MUN2215T1/MUN2216T1/MUN2240T1/
MUN2241T1
MUN2230T1/MUN2231T1/MUN2232T1
MUN2233T1
MUN2234T1
MUN2237T1
R1/R2
0.8
0.17
0.8
0.055
0.38
1.7
1.0
0.21
1.0
0.1
0.47
2.1
1.2
0.25
1.2
0.185
0.56
2.6
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%.
Figure 1. Derating Curve
350
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 370°C/W
250
300


Similar Part No. - MUN2216T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2216T1 MOTOROLA-MUN2216T1 Datasheet
263Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MUN2216T1 LRC-MUN2216T1 Datasheet
160Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN2216T1 ONSEMI-MUN2216T1 Datasheet
166Kb / 18P
   Bias Resistor Transistors
July, 2007 - Rev. 13
MUN2216T1G ONSEMI-MUN2216T1G Datasheet
166Kb / 18P
   Bias Resistor Transistors
July, 2007 - Rev. 13
MUN2216T1G ONSEMI-MUN2216T1G Datasheet
128Kb / 10P
   Digital Transistors (BRT) R1 = 4.7 k, R2 =  k
February, 2013 ??Rev. 1
More results

Similar Description - MUN2216T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com