Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5214DW1T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5214DW1T1
Description  Dual Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5214DW1T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5214DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5214DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2003
December, 2003 − Rev. 5
1
Publication Order Number:
MUN5211DW1T1/D
MUN5211DW1T1 Series
Preferred Devices
Dual Bias Resistor
Transistors
NPN Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with
a monolithic bias network consisting of two resistors; a series base
resistor and a base−emitter resistor. These digital transistors are
designed to replace a single device and its external resistor bias
network. The BRT eliminates these individual components by
integrating them into a single device. In the MUN5211DW1T1 series,
two BRT devices are housed in the SOT−363 package which is ideal
for low power surface mount applications where board space is at a
premium.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7 inch/3000 Unit Tape and Reel
MAXIMUM RATINGS
(TA = 25°C unless otherwise noted, common for Q1 and Q2)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
187 (Note 1.)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
mW
mW/
°C
Thermal Resistance −
Junction-to-Ambient
RθJA
670 (Note 1.)
490 (Note 2.)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/
°C
Thermal Resistance −
Junction-to-Ambient
RθJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance −
Junction-to-Lead
RθJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0 x 1.0 inch Pad
Preferred devices are recommended choices for future use
and best overall value.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table
on page 2 of this data sheet.
Q1
R1
R2
R2
R1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
http://onsemi.com
SOT−363
CASE 419B
STYLE 1
MARKING DIAGRAM
1
6
XXd
XX = Specific Device Code
d
= Date Code
= (See Page 2)
1
6


Similar Part No. - MUN5214DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5214DW1T1 MOTOROLA-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
Leshan Radio Company
MUN5214DW1T1 LRC-MUN5214DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5214DW1T1 ETL-MUN5214DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
More results

Similar Description - MUN5214DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com