Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGT20N60B Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGT20N60B
Description  HiPerFAST IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT20N60B Datasheet(HTML) 3 Page - IXYS Corporation

  IXGT20N60B Datasheet HTML 1Page - IXYS Corporation IXGT20N60B Datasheet HTML 2Page - IXYS Corporation IXGT20N60B Datasheet HTML 3Page - IXYS Corporation IXGT20N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
V
CE - Volts
0
1
2345
0
20
40
60
80
100
V
CE-Volts
0
5
10
15
20
25
30
35
40
10
100
1000
T
J - Degrees C
25
50
75
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
V
CE - Volts
012345
0
20
40
60
80
100
V
GE - Volts
3456789
10
0
20
40
60
80
100
V
CE - Volts
02
46
8
10
0
40
80
120
160
200
13V
11V
9V
7V
V
CE = 10V
V
GE = 15V
13V
11V
T
J = 25°C
V
GE = 15V
T
J = 25°C
I
C = 10A
I
C = 20A
I
C = 40A
T
J = 125°C
f = 1Mhz
5V
5V
V
GE = 15V
T
J = 25°C
T
J = 125°C
7V
9V
5V
9V
V
GE = 15V
13V
11V
Ciss
Coss
Crss
7V
4000
IXGH 20N60B
IXGT 20N60B
Fig. 1. Output Characteristics
Fig. 2. Extended Output Characteristics
Fig. 3. High Temperature Output Characteristics
Fig. 4. Temperature Dependence of V
CE(sat)
Fig. 5. Admittance Curves
Fig. 6. Capacitance Curves


Similar Part No. - IXGT20N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT20N60BD1 IXYS-IXGT20N60BD1 Datasheet
54Kb / 2P
   HiPerFAST IGBT with Diode
More results

Similar Description - IXGT20N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
   HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGK35N120C IXYS-IXGK35N120C Datasheet
128Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com