Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH22N50BU1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH22N50BU1
Description  HiPerFAST IGBT with Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH22N50BU1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH22N50BU1 Datasheet HTML 1Page - IXYS Corporation IXGH22N50BU1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 IXYS All rights reserved
Preliminary data
HiP
HiP
HiP
HiP
HiPerF
erF
erF
erF
erFAST
AST
AST
AST
ASTTM
TM
TM
TM
TM IGBT
IGBT
IGBT
IGBT
IGBT
with Diode
with Diode
with Diode
with Diode
with Diode
Combi P
Combi P
Combi P
Combi P
Combi Pac
ac
ac
ac
ack
k
k
k
k
Symbol
Symbol
Symbol
Symbol
Symbol
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Characteristic Values
Characteristic Values
Characteristic Values
Characteristic Values
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
min.
min.
min.
min.
typ.
typ.
typ.
typ.
typ.
max.
max.
max.
max.
max.
BV
BV
BV
BV
BV
CES
CES
CES
CES
CES
I
C
= 250
µA, V
GE = 0 V
500
V
V
V
V
V
V
GE(th)
GE(th)
GE(th)
GE(th)
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.5
V
IIIII
CES
CES
CES
CES
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
200
µA
V
GE
= 0 V
T
J = 125°C8
mA
IIIII
GES
GES
GES
GES
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
V
V
V
V
CE(sat)
CE(sat)
CE(sat)
CE(sat)
CE(sat)
I
C
= I
C90, VGE = 15 V
2.1
2.5
V
Features
Features
Features
Features
Features
International standard packages
JEDEC TO-247 SMD surface
mountable and JEDEC TO-247 AD
High frequency IGBT and antiparallel
FRED in one package
High current handling capability
HiPerFASTTM HDMOSTM process
MOS Gate turn-on
- drive simplicity
Applications
Applications
Applications
Applications
Applications
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
Advantages
Advantages
Advantages
Advantages
Space savings (two devices in one
package)
High power density
Suitable for surface mounting
Very low switching losses for high
frequency applications
Easy to mount with 1 screw,TO-247
(insulated mounting screw hole)
Symbol
Symbol
Symbol
Symbol
Symbol
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
V
V
V
V
V
CES
CES
CES
CES
CES
T
J
= 25
°C to 150°C
500
V
V
V
V
V
V
CGR
CGR
CGR
CGR
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
500
V
V
V
V
V
V
GES
GES
GES
GES
GES
Continuous
±20
V
V
V
V
V
V
GEM
GEM
GEM
GEM
GEM
Transient
±30
V
IIIII
C25
C25
C25
C25
C25
T
C
= 25
°C44
A
IIIII
C90
C90
C90
C90
C90
T
C
= 90
°C22
A
IIIII
CM
CM
CM
CM
CM
T
C
= 25
°C, 1 ms
88
A
SSOA
SSOA
SSOA
SSOA
SSOA
V
GE = 15 V, TVJ = 125°C, RG =
22
I
CM = 44
A
(RBSOA)
(RBSOA)
(RBSOA)
(RBSOA)
(RBSOA)
Clamped inductive load, L = 100
µH
@ 0.8 V
CES
P
P
P
P
P
C
C
C
C
C
T
C
= 25
°C
150
W
T
T
T
T
T
J
J
J
J
J
-55 ... +150
°C
T
T
T
T
T
JM
JM
JM
JM
JM
150
°C
T
T
T
T
T
stg
stg
stg
stg
stg
-55 ... +150
°C
Maximum Lead and Tab temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
M
M
M
M
d
d
d
d
d
Mounting torque, TO-247 AD
1.13/10 Nm/lb.in.
Weight
Weight
Weight
Weight
Weight
TO-247 SMD
4
g
TO-247 AD
6
g
C (TAB)
G
C
E
G
E
C (TAB)
V
CES
= 500 V
I
C(25)
=
44 A
V
CE(sat)typ
=
2.1 V
t
fi(typ)
= 55 ns
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
*Add suffix letter "S" for surface mountable
package
TO-247 SMD*
TO-247 SMD*
TO-247 SMD*
TO-247 SMD*
TO-247 SMD*
TO-247 AD
TO-247 AD
TO-247 AD
TO-247 AD
TO-247 AD
97509(2/97)
IXGH22N50B
IXGH22N50B
IXGH22N50B
IXGH22N50B
IXGH22N50BU1
U1
U1
U1
U1
IXGH22N50B
IXGH22N50B
IXGH22N50B
IXGH22N50B
IXGH22N50BU1S
U1S
U1S
U1S
U1S


Similar Part No. - IXGH22N50BU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH22N50BS IXYS-IXGH22N50BS Datasheet
68Kb / 2P
   HiPerFAST IGBT
More results

Similar Description - IXGH22N50BU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
IXGH30N60BU1 IXYS-IXGH30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
IXGK60N60B2D1 IXYS-IXGK60N60B2D1 Datasheet
622Kb / 6P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com