Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH24N60AU1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH24N60AU1
Description  HiPerFAST IGBT with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH24N60AU1 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH24N60AU1 Datasheet HTML 1Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 2Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 3Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 4Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 5Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH24N60AU1
IXGH24N60AU1S
Pulse Width - seconds
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
D=0.1
D=0.2
D=0.5
V
CE - Volts
0
100
200
300
400
500
600
0.01
0.1
1
10
100
Q
g - nanocoulombs
0
25
50
75
100
0
3
6
9
12
15
I
C = 24A
V
CE = 300V
RG - Ohms
0
20
40
60
80
100
120
0
1
2
3
4
5
0
100
200
300
400
500
E
off
t
fi
I
C - Amperes
0
102030
4050
0
1
2
3
4
5
0
100
200
300
400
500
E
off
t
fi
T
J = 125°C
R
G = 10Ω
T
J = 125°C
I
C = 24A
T
J = 125°C
R
G = 10Ω
D=0.05
D=0.02
Single Pulse
D=0.01
G24N60P2.JNB
D = Duty Cycle
Fig.11 Transient Thermal Impedance
Fig.9 Gate Charge Characteristic Curve
Fig.10 Turn-Off Safe Operating Area
Fig.7 Turn-Off Energy per Pulse and
Fig.8 Dependence of Turn-Off Energy
Fall Time on Collector Current
Per Pulse and Fall Time on R
G
dV/dt < 3V/ns


Similar Part No. - IXGH24N60AU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60A IXYS-IXGH24N60A Datasheet
45Kb / 2P
   HiPerFAST IGBT
More results

Similar Description - IXGH24N60AU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
IXGH30N60BU1 IXYS-IXGH30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
IXGK60N60B2D1 IXYS-IXGK60N60B2D1 Datasheet
622Kb / 6P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com