Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH24N60AU1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGH24N60AU1
Description  HiPerFAST IGBT with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH24N60AU1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGH24N60AU1 Datasheet HTML 1Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 2Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 3Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 4Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 5Page - IXYS Corporation IXGH24N60AU1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©1997 IXYS Corporation. All rights reserved.
Fig.16 Peak Reverse Recovery Current
Fig.17 Reverse Recovery Time
di
F /dt - A/µs
0
200
400
600
0.0
0.2
0.4
0.6
0.8
di
F /dt - A/µs
200
400
600
0
10
20
30
40
di
F /dt - A/µs
1
10
100
1000
0
1
2
3
4
T
J - Degrees C
0
40
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Q
r
I
RM
di
F /dt - A/µs
0
100
200
300
400
500
600
0
200
400
600
800
1000
0
5
10
15
20
25
t
fr
V
FR
Voltage Drop - Volts
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
T
J = 150°C
T
J = 100°C
T
J = 25°C
T
J = 125°C
I
F = 37A
typ.
I
F = 60A
I
F = 30A
I
F = 15A
I
F = 30A
T
J = 100°C
V
R = 350V
T
J = 100°C
V
R = 350V
T
J = 100°C
V
R = 350V
typ.
I
F = 60A
I
F = 30A
I
F = 15A
max.
I
F = 30A
max.
I
F = 30A
typ.
I
F = 60A
I
F = 30A
I
F = 15A
max.
Fig.12 Maximum Forward Voltage Drop
Fig.13 Peak Forward Voltage V
FR and
Forward Recovery Time t
FR
Fig.14 Junction Temperature Dependence
Fig.15 Reverse Recovery Chargee
off I
RM and Qr
IXGH24N60AU1
IXGH24N60AU1S


Similar Part No. - IXGH24N60AU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60A IXYS-IXGH24N60A Datasheet
45Kb / 2P
   HiPerFAST IGBT
More results

Similar Description - IXGH24N60AU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
IXGH30N60BU1 IXYS-IXGH30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
IXGK60N60B2D1 IXYS-IXGK60N60B2D1 Datasheet
622Kb / 6P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com