Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5131T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5131T1
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5131T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5131T1 Datasheet HTML 1Page - ON Semiconductor MUN5131T1 Datasheet HTML 2Page - ON Semiconductor MUN5131T1 Datasheet HTML 3Page - ON Semiconductor MUN5131T1 Datasheet HTML 4Page - ON Semiconductor MUN5131T1 Datasheet HTML 5Page - ON Semiconductor MUN5131T1 Datasheet HTML 6Page - ON Semiconductor MUN5131T1 Datasheet HTML 7Page - ON Semiconductor MUN5131T1 Datasheet HTML 8Page - ON Semiconductor MUN5131T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MUN5111T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
MUN5111T1
(VEB = 6.0 V, IC = 0)
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5136T1
MUN5137T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
MUN5111T1
(VCE = 10 V, IC = 5.0 mA)
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5136T1
MUN5137T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
250
250
5.0
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA) MUN5130T1/MUN5131T1
(IC = 10 mA, IB = 1 mA) MUN5115T1/MUN5116T1/
MUN5132T1/MUN5133T1/MUN5134T1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MUN5111T1
MUN5112T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MUN5113T1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
MUN5136T1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
MUN5137T1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - MUN5131T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5131T1 MOTOROLA-MUN5131T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MUN5131T1 LRC-MUN5131T1 Datasheet
205Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN5131T1 ONSEMI-MUN5131T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
MUN5131T1 ONSEMI-MUN5131T1 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5131T1G ONSEMI-MUN5131T1G Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
More results

Similar Description - MUN5131T1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com