Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1560HDR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1560HDR2
Description  Full Featured Voltage Mode PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1560HDR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1560HDR2 Datasheet HTML 2Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 3Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 4Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 5Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 6Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 7Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 8Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 9Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1560
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (Vin = 48 V, VAUX = 12 V, VEA = 2 V, RT = 101 kW, CCSKIP = 6800 pF,
RD = 60.4 kW, RFF = 432 kW, for typical values TJ = 25°C, for min/max values, TJ = -40°C to 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
START-UP CONTROL AND VAUX REGULATOR
VAUX Regulation
Start-up Threshold/VAUX Regulation Peak (VAUX increasing)
Minimum Operating VAUX Valley Voltage After Turn-On
Hysteresis
VAUX(on)
VAUX(off)
VH
10.5
6.6
-
11.0
7.0
4.0
11.5
7.4
-
V
Minimum Start-up Voltage (Pin 1)
ISTART = 1.0 mA, VAUX = VAUX(on) - 0.2 V
VSTART(min)
-
19.3
21.5
V
Start-up Circuit Output Current
VAUX = 0 V
TJ = 25°C
TJ = -40°C to 125°C
VAUX = VAUX(on) - 0.2 V
TJ = 25°C
TJ = -40°C to 125°C
ISTART
13
10
10
8
17.5
-
13.8
-
21
25
17
19
mA
Start-up Circuit Off-State Leakage Current (Vin = 150 V)
TJ = 25°C
TJ = -40°C to 125°C
ISTART(off)
-
-
23
-
50
100
mA
Start-up Circuit Breakdown Voltage (Note 2)
ISTART(off) = 50 mA, TJ = 25°C
V(BR)DS
150
-
-
V
Auxiliary Supply Current After VAUX Turn-On
Outputs Disabled
VEA = 0 V
VUV/OV = 0.7 V
Outputs Enabled
IAUX1
IAUX2
IAUX3
-
-
-
2.7
1.3
4.6
5.0
2.5
6.5
mA
LINE UNDER/OVERVOLTAGE DETECTOR
Undervoltage Threshold (Vin Increasing)
VUV
1.40
1.52
1.64
V
Undervoltage Hysteresis
VUV(H)
0.080
0.098
0.120
V
Overvoltage Threshold (Vin Increasing)
VOV
3.47
3.61
3.75
V
Overvoltage Hysteresis
VOV(H)
-
0.145
-
V
Undervoltage Propagation Delay to Output
tUV
-
250
-
ns
Overvoltage Propagation Delay to Output
tOV
-
160
-
ns
CURRENT LIMIT
Cycle by Cycle Threshold Voltage
ILIM1
0.44
0.48
0.52
V
Propagation Delay to Output (VEA = 2.0 V)
VCS = ILIM1 to 2.0 V, measured when VOUT reaches 0.5 VOH
tILIM
-
90
150
ns
Cycle Skip Threshold Voltage
ILIM2
0.54
0.57
0.62
V
Cycle Skip Charge Current (VCSKIP = 0 V)
ICSKIP
8.0
12.3
15
mA
2. Guaranteed by design only.


Similar Part No. - NCP1560HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560HDR2G ONSEMI-NCP1560HDR2G Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results

Similar Description - NCP1560HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
Texas Instruments
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com