Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-331G-KG000 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 5082-331G-KG000
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-331G-KG000 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 5082-331G-KG000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-331G-KG000 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 1. Maximum allowable average or DC
current vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC
forward current.
High Efficiency Red (HER)
Figure 4. Relative efficiency (luminous
intensity per unit current) vs. peak current.
HIGH EFFICIENCY RED (HER)
30
25
20
15
10
5
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
120
100
80
60
40
20
0
VF – FORWARD VOLTAGE – V
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
IF – FORWARD CURRENT FOR SEGMENT – mA
35
1.4
0
0
5
10 15 20 25 30 35 40 45 50
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
0.2
0.4
0.6
0.8
1.0
1.2


Similar Part No. - 5082-331G-KG000

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-3306 ASI-5082-3306 Datasheet
16Kb / 1P
   FAST SWITCHING SILICON PIN DIODE
5082-3340 ASI-5082-3340 Datasheet
51Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
logo
Agilent(Hewlett-Packard...
5082-3350-00000 HP-5082-3350-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-3350-0B000 HP-5082-3350-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-3350-0C000 HP-5082-3350-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-331G-KG000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
   The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com