Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300A48E300BS Datasheet(PDF) 2 Page - Vicor Corporation

Part # V300A48E300BS
Description  FasTrak Maxi E-Grade Family DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300A48E300BS Datasheet(HTML) 2 Page - Vicor Corporation

  V300A48E300BS Datasheet HTML 1Page - Vicor Corporation V300A48E300BS Datasheet HTML 2Page - Vicor Corporation V300A48E300BS Datasheet HTML 3Page - Vicor Corporation V300A48E300BS Datasheet HTML 4Page - Vicor Corporation V300A48E300BS Datasheet HTML 5Page - Vicor Corporation V300A48E300BS Datasheet HTML 6Page - Vicor Corporation V300A48E300BS Datasheet HTML 7Page - Vicor Corporation V300A48E300BS Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Maxi E-Grade Family
Rev. 1.1
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
2V
3.3V
5V
12V
15V
24V
28V
48V
54V
Unit
Notes
Efficiency (typ.)
73.5
80.0
83.5
85.5
87.0
88.0
89.0
90.0
89.6
%
Nominal input; 80% load; 25°C
Ripple and noise, p-p (typ.)
75
60
70
130
90
80
65
50
160
mV
Nominal input; full load;
25°C; 20 MHz BW
Output OVP setpoint (nom.)
2.8
4.3
6.3
14.3
17.8
28.1
32.7
55.7
62.6
Volts
25°C; recycle input voltage to
restart ( 1 minute off )
Dissipation, standby (typ.)
4.8
5.6
6.2
8.0
8.0
6.0
7.4
8.5
6.0
Watts
No load; nominal input
Load regulation (max.)
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
±% Vout
No load to full load; nominal input
Current limit (typ.)
125
125
125
125
125
125
125
125
125
% Iout
Output voltage 95% of nominal
Short circuit current (typ.)
125
125
125
125
125
125
125
125
125
% Iout
Output voltage <250 mV
Parameter
Min
Typ
Max
Surge Withstand
Unit
Notes
Input voltage
24 Vin
18
24
36
50
Vdc
<100 ms surge withstand
48 Vin
36
48
75
100
Vdc
300 Vin
180
300
375
400
Vdc
375 Vin
250
375
425
500
Vdc
Output voltage setpoint
±1
%
Nominal input; full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.5
%
Low line to high line; full load
Temperature regulation
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
± 5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below
90% of nominal, a minimum load of 10% of
maximum rated power may be required.
Parameter
24 Vin
48 Vin
300 Vin
375 Vin
Units
Notes
Undervoltage turn-on
17.5
34.9
175
243
Vdc
Typical value
Undervoltage turn-off
15.3
30.5
153
212
Vdc
Typical value
Overvoltage turn-off/on
37.8
78.8
N/A
446
Vdc
Typical value
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
MODULE OUTPUT VOLTAGE RELATED SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Note: 300 Vin models do not have overvoltage turn-off.


Similar Part No. - V300A48E300BS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A48E300BS VICOR-V300A48E300BS Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300A48E300BS1 VICOR-V300A48E300BS1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300A48E300BS2 VICOR-V300A48E300BS2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V300A48E300BS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com