Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300B12E24BL Datasheet(PDF) 4 Page - Vicor Corporation

Part # V300B12E24BL
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300B12E24BL Datasheet(HTML) 4 Page - Vicor Corporation

  V300B12E24BL Datasheet HTML 1Page - Vicor Corporation V300B12E24BL Datasheet HTML 2Page - Vicor Corporation V300B12E24BL Datasheet HTML 3Page - Vicor Corporation V300B12E24BL Datasheet HTML 4Page - Vicor Corporation V300B12E24BL Datasheet HTML 5Page - Vicor Corporation V300B12E24BL Datasheet HTML 6Page - Vicor Corporation V300B12E24BL Datasheet HTML 7Page - Vicor Corporation V300B12E24BL Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 4 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PC PIN
Module Enable/Disable
The module may be disabled by pulling PC below 2.3V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will shut
down and PC will go low. PC will periodically go high and the
module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin will
go low in the event of a fault and return to its normal state after
the fault has been cleared. See Figures 2 and 4.
Disable
Disable = PC <2.3V
+In
PC
PR
–In
Figure 1—Module enable/disable.
Figure 3—LED on-state indicator.
4k
Ω
"Module
Enabled"
+In
PC
PR
–In
Optocoupler
+In
PC
PR
–In
4k
Ω
Alarm
1.00V
+Out
SC
–Out
Input Undervoltage
Input Overvoltage
Over Temperature
Module Faults
2-20ms typ.
f(VIN)
Auto
Restart
5.7Vdc
(0-3mA)
50
Ω
SW2
SW3
1.23
Vdc
6K
1K
SW1
SW1, 2, & 3 shown
in "Fault" position
+Out
SC
–Out
+In
PC
PR
–In
Figure 2—PC/SC module alarm logic.
Figure 5—Isolated on-state indicator.
2-20ms typ.
Fault
SC
PC
1.23V
5.7V
40
μs typ.
Figure 4—PC/SC module alarm timing.
Figure 6—Secondary side on-state indicator.
Primary Auxiliary Supply
At 5.7V, PC can source up to 1.5mA. In the example shown in
Figure 3, PC powers a module enabled LED.


Similar Part No. - V300B12E24BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300B12E24BL VICOR-V300B12E24BL Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300B12E24BL1 VICOR-V300B12E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300B12E24BL2 VICOR-V300B12E24BL2 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
More results

Similar Description - V300B12E24BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com