Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH40N60A Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH40N60A
Description  Low VCE(sat) IGBT, High speed IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60A Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH40N60A Datasheet HTML 1Page - IXYS Corporation IXGH40N60A Datasheet HTML 2Page - IXYS Corporation IXGH40N60A Datasheet HTML 3Page - IXYS Corporation IXGH40N60A Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 40N60
IXGM 40N60
IXGH 40N60A IXGM 40N60A
TO-247 AD Outline
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
25
35
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
4500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
300
pF
C
res
60
pF
Q
g
200
250
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
45
80
nC
Q
gc
88
120
nC
t
d(on)
100
ns
t
ri
200
ns
t
d(off)
600
ns
t
fi
40N60A
200
ns
E
off
40N60A
3
mJ
t
d(on)
100
ns
t
ri
200
ns
E
on
4mJ
t
d(off)
600
1000
ns
t
fi
40N60
600
2000
ns
40N60A
300
800
ns
E
off
40N60
12
mJ
40N60A
6
mJ
R
thJC
0.5 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IC90 , VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES, RG = Roff = 22 Ω
Switching times may increase
for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
TO-204AE Outline
1 = Gate
2 = Collector
3 = Emitter
Tab = Collector
1 = Gate
2 = Emitter
Case = Collector
Inductive load, T
J = 125°
°°°°C
I
C = IC90, VGE = 15 V,
L = 100
µH
V
CE = 0.8 VCES ,
R
G = R off = 22 Ω
Remarks: Switching times
may increase for V
CE
(Clamp) > 0.8 • V
CES , higher
T
J or increased R G


Similar Part No. - IXGH40N60A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60B IXYS-IXGH40N60B Datasheet
296Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGH40N60B2D1 IXYS-IXGH40N60B2D1 Datasheet
612Kb / 6P
   HiPerFAST IGBT
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
   C2-Class High Speed IGBTs
More results

Similar Description - IXGH40N60A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
IXSM30N60 IXYS-IXSM30N60 Datasheet
241Kb / 2P
   Low VCE(sat) IGBT, High Speed IGBT
IXSM40N60 IXYS-IXSM40N60 Datasheet
91Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
IXGM17N100 IXYS-IXGM17N100 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGM20N60 IXYS-IXGM20N60 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGH10N60A IXYS-IXGH10N60A Datasheet
56Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGH10N100 IXYS-IXGH10N100 Datasheet
46Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGH25N120 IXYS-IXGH25N120 Datasheet
45Kb / 2P
   Low VCE(sat) High speed IGBT
IXGM25N100 IXYS-IXGM25N100 Datasheet
106Kb / 4P
   Low VCE(sat), High speed IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com