Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532C0G2J474K Datasheet(PDF) 4 Page - TDK Electronics

Part # C4532C0G2J474K
Description  Ceramic Capacitors For Mid Voltage SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532C0G2J474K Datasheet(HTML) 4 Page - TDK Electronics

  C4532C0G2J474K Datasheet HTML 1Page - TDK Electronics C4532C0G2J474K Datasheet HTML 2Page - TDK Electronics C4532C0G2J474K Datasheet HTML 3Page - TDK Electronics C4532C0G2J474K Datasheet HTML 4Page - TDK Electronics C4532C0G2J474K Datasheet HTML 5Page - TDK Electronics C4532C0G2J474K Datasheet HTML 6Page - TDK Electronics C4532C0G2J474K Datasheet HTML 7Page - TDK Electronics C4532C0G2J474K Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
• All specifications are subject to change without notice.
(4/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
C3216 (EIA:CC1206) TYPE
CAPACITANCE RANGES:
CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 630V
RATED VOLTAGE Edc: 250V
RATED VOLTAGE Edc: 100V
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc: 630V
RATED VOLTAGE Edc: 250V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100
±5%
0.6±0.1
C3216C0G2J101J
±10%
0.6±0.1
C3216C0G2J101K
120
±5%
0.6±0.1
C3216C0G2J121J
±10%
0.6±0.1
C3216C0G2J121K
150
±5%
0.6±0.1
C3216C0G2J151J
±10%
0.6±0.1
C3216C0G2J151K
180
±5%
0.6±0.1
C3216C0G2J181J
±10%
0.6±0.1
C3216C0G2J181K
220
±5%
0.6±0.1
C3216C0G2J221J
±10%
0.6±0.1
C3216C0G2J221K
270
±5%
0.6±0.1
C3216C0G2J271J
±10%
0.6±0.1
C3216C0G2J271K
330
±5%
0.6±0.1
C3216C0G2J331J
±10%
0.6±0.1
C3216C0G2J331K
390
±5%
0.6±0.1
C3216C0G2J391J
±10%
0.6±0.1
C3216C0G2J391K
470
±5%
0.85±0.15
C3216C0G2J471J
±10%
0.85±0.15
C3216C0G2J471K
560
±5%
0.85±0.15
C3216C0G2J561J
±10%
0.85±0.15
C3216C0G2J561K
680
±5%
0.85±0.15
C3216C0G2J681J
±10%
0.85±0.15
C3216C0G2J681K
820
±5%
0.85±0.15
C3216C0G2J821J
±10%
0.85±0.15
C3216C0G2J821K
1000
±5%
0.85±0.15
C3216C0G2J102J
±10%
0.85±0.15
C3216C0G2J102K
1200
±5%
0.85±0.15
C3216C0G2J122J
±10%
0.85±0.15
C3216C0G2J122K
1500
±5%
1.15±0.15
C3216C0G2J152J
±10%
1.15±0.15
C3216C0G2J152K
1800
±5%
1.15±0.15
C3216C0G2J182J
±10%
1.15±0.15
C3216C0G2J182K
2200
±5%
1.15±0.15
C3216C0G2J222J
±10%
1.15±0.15
C3216C0G2J222K
2700
±5%
1.6±0.2
C3216C0G2J272J
±10%
1.6±0.2
C3216C0G2J272K
3300
±5%
1.6±0.2
C3216C0G2J332J
±10%
1.6±0.2
C3216C0G2J332K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
3300
±5%
0.85±0.15
C3216C0G2E332J
±10%
0.85±0.15
C3216C0G2E332K
3900
±5%
1.15±0.15
C3216C0G2E392J
±10%
1.15±0.15
C3216C0G2E392K
4700
±5%
1.15±0.15
C3216C0G2E472J
±10%
1.15±0.15
C3216C0G2E472K
5600
±5%
1.15±0.15
C3216C0G2E562J
±10%
1.15±0.15
C3216C0G2E562K
6800
±5%
1.6±0.2
C3216C0G2E682J
±10%
1.6±0.2
C3216C0G2E682K
8200
±5%
1.6±0.2
C3216C0G2E822J
±10%
1.6±0.2
C3216C0G2E822K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
3900
±5%
0.6±0.1
C3216C0G2A392J
±10%
0.6±0.1
C3216C0G2A392K
4700
±5%
0.85±0.15
C3216C0G2A472J
±10%
0.85±0.15
C3216C0G2A472K
5600
±5%
0.85±0.15
C3216C0G2A562J
±10%
0.85±0.15
C3216C0G2A562K
6800
±5%
1.15±0.15
C3216C0G2A682J
±10%
1.15±0.15
C3216C0G2A682K
8200
±5%
1.15±0.15
C3216C0G2A822J
±10%
1.15±0.15
C3216C0G2A822K
10000
±5%
1.15±0.15
C3216C0G2A103J
±10%
1.15±0.15
C3216C0G2A103K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
1000
±10%
1.15±0.15
C3216X7R2J102K
±20%
1.15±0.15
C3216X7R2J102M
1500
±10%
1.15±0.15
C3216X7R2J152K
±20%
1.15±0.15
C3216X7R2J152M
2200
±10%
1.15±0.15
C3216X7R2J222K
±20%
1.15±0.15
C3216X7R2J222M
3300
±10%
1.15±0.15
C3216X7R2J332K
±20%
1.15±0.15
C3216X7R2J332M
4700
±10%
1.15±0.15
C3216X7R2J472K
±20%
1.15±0.15
C3216X7R2J472M
6800
±10%
1.15±0.15
C3216X7R2J682K
±20%
1.15±0.15
C3216X7R2J682M
10000
±10%
1.15±0.15
C3216X7R2J103K
±20%
1.15±0.15
C3216X7R2J103M
15000
±10%
1.3±0.2
C3216X7R2J153K
±20%
1.3±0.2
C3216X7R2J153M
22000
±10%
1.3±0.2
C3216X7R2J223K
±20%
1.3±0.2
C3216X7R2J223M
33000
±10%
1.6±0.2
C3216X7R2J333K
±20%
1.6±0.2
C3216X7R2J333M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
15000
±10%
1.15±0.15
C3216X7R2E153K
±20%
1.15±0.15
C3216X7R2E153M
22000
±10%
1.15±0.15
C3216X7R2E223K
±20%
1.15±0.15
C3216X7R2E223M
33000
±10%
1.6±0.2
C3216X7R2E333K
±20%
1.6±0.2
C3216X7R2E333M
47000
±10%
1.6±0.2
C3216X7R2E473K
±20%
1.6±0.2
C3216X7R2E473M
68000
±10%
1.6±0.2
C3216X7R2E683K
±20%
1.6±0.2
C3216X7R2E683M
100000
±10%
1.6±0.2
C3216X7R2E104K
±20%
1.6±0.2
C3216X7R2E104M
M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.


Similar Part No. - C4532C0G2J474K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532C0G2J473J320KA TDK-C4532C0G2J473J320KA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C4532C0G2J473J320KA TDK-C4532C0G2J473J320KA_17 Datasheet
197Kb / 3P
   Multilayer Ceramic Chip Capacitors
C4532C0G2J473K320KA TDK-C4532C0G2J473K320KA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C4532C0G2J473K320KA TDK-C4532C0G2J473K320KA_17 Datasheet
197Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4532C0G2J474K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3H050DGM PANASONIC-ECCT3H050DGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com