Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375C12E24BL Datasheet(PDF) 8 Page - Vicor Corporation

Part # V375C12E24BL
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C12E24BL Datasheet(HTML) 8 Page - Vicor Corporation

  V375C12E24BL Datasheet HTML 1Page - Vicor Corporation V375C12E24BL Datasheet HTML 2Page - Vicor Corporation V375C12E24BL Datasheet HTML 3Page - Vicor Corporation V375C12E24BL Datasheet HTML 4Page - Vicor Corporation V375C12E24BL Datasheet HTML 5Page - Vicor Corporation V375C12E24BL Datasheet HTML 6Page - Vicor Corporation V375C12E24BL Datasheet HTML 7Page - Vicor Corporation V375C12E24BL Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
9/05
Set your site on VICOR at www.vicorpower.com
Vicor’s comprehensive line of power solutions includes modular, high
density DC-DC converters and accessory components, configurable power
supplies, and custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is
assumed by Vicor for its use. No license is granted by implication or otherwise under any patent or patent
rights of Vicor. Vicor components are not designed to be used in applications, such as life support systems,
wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor’s Terms and
Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Vicor Corporation
25 Frontage Road
Andover, MA, USA 01810
Tel: 800-735-6200
978-470-2900
Fax: 978-475-6715
Email
Vicor Express: vicorexp@vicr.com
Technical Support: apps@vicr.com
Component Solutions
for Your Power System
45


Similar Part No. - V375C12E24BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12E150BF2 VICOR-V375C12E150BF2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375C12E150BG2 VICOR-V375C12E150BG2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375C12E150BL2 VICOR-V375C12E150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375C12E150BN2 VICOR-V375C12E150BN2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375C12E150BS2 VICOR-V375C12E150BS2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
More results

Similar Description - V375C12E24BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com