Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703208GCA-XXX-8BT Datasheet(PDF) 6 Page - NEC

Part # UPD703208GCA-XXX-8BT
Description  32-Bit Single-Chip Microcontrollers
Download  757 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703208GCA-XXX-8BT Datasheet(HTML) 6 Page - NEC

Back Button UPD703208GCA-XXX-8BT Datasheet HTML 2Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 3Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 4Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 5Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 6Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 7Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 8Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 9Page - NEC UPD703208GCA-XXX-8BT Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 757 page
background image
User’s Manual U15862EJ3V0UD
6
Major Revisions in This Edition (1/2)
Pages
Description
Throughout
• Addition of the following special quality grade products.
µPD703208(A), 703208Y(A), 703209(A), 703209Y(A), 703210(A), 703210Y(A), 703212(A), 703212Y(A),
703213(A), 703213Y(A), 703214(A), 703214Y(A), 703216(A), 703216Y(A), 703217(A), 703217Y(A), 70F3210(A),
70F3210Y(A), 70F3214(A), 70F3214Y(A), 70F3217(A), 70F3217Y(A)
p. 33
Addition of Caution in 1.2.4 Pin configuration (top view) (V850ES/KF1)
p. 41
Addition of Caution in 1.3.4 Pin configuration (top view) (V850ES/KG1)
p. 49
Addition of Caution in 1.4.4 Pin configuration (top view) (V850ES/KJ1)
p. 55
Addition of description in CHAPTER 2 PIN FUNCTIONS and addition of Table 2-1 Pin I/O Buffer Power
Supplies
pp.93, 95
Modification of description on recommended connection of P70 to P77, P78 to P715, IC, VPP, and XT1 in 2.4 Pin
I/O Circuits and Recommended Connection of Unused Pins
p. 134
Modification of description in 3.4.8 (2) Access to special on-chip peripheral I/O registers
p. 285
Modification of description in 5.11 Bus Timing
p. 291
Addition of 5.12 Cautions
p. 292
Addition of description on the main clock oscillator in 6.1 Overview
p. 293
Addition of description in 6.2 (1) Main clock oscillator
p. 296
Addition of Caution 3 in 6.3 (1) Processor clock control register (PCC)
p. 302
Addition of description in CHAPTER 7 16-BIT TIMER/EVENT COUNTERS 00 TO 05
p. 306
Modification of description of Caution 4 in 7.2 (2) 16-bit timer capture/compare register 0n0 (CR0n0)
p. 307
Modification of description of Caution 4 in 7.2 (3) 16-bit timer capture/compare register 0n1 (CR0n1)
p. 311
Modification of description of Caution 1 in 7.3 (3) 16-bit timer output control register 0n (TOC0n)
p. 319
Addition of setting procedures and modification of description in 7.4.1 Operation as interval timer (16 bits)
p. 322
Addition of setting procedures in 7.4.2 PPG output operation
p. 324
Addition of Figure 7-6 Configuration of PPG Output
p. 325
Addition of Figure 7-7 PPG Output Operation Timing
p. 326
Addition of setting procedures in 7.4.3 Pulse width measurement
p. 334
Addition of setting procedures and addition of Caution 2 in 7.4.4 Operation as external event counter (16-bit
timer/event counters 00, 01, 04 and 05 only)
p. 337
Addition of setting procedures and addition of Caution in 7.4.5 Square-wave output operation (16-bit
timer/event counters 04 and 05 only)
p. 340
Addition of setting procedures in 7.4.6 One-shot pulse output operation
p. 340
Addition of Caution 2 in 7.4.6 (1) One-shot pulse output with software trigger
p. 342
Addition of Caution 2 in 7.4.6 (2) One-shot pulse output with external trigger
p. 349
Addition of Caution in 7.4.7 (10) (b) When setting CR0n0, CR0n1 to compare mode
p. 350
Addition of description in CHAPTER 8 8-BIT TIMER/EVENT COUNTERS 50 AND 51
p. 369
Addition of description in CHAPTER 9 8-BIT TIMERS H0 AND H1
p. 373
Addition of Caution 3 in 9.3 (1) (a) 8-bit timer H mode register 0 (TMHMD0)
p. 374
Addition of Caution 3 in 9.3 (1) (b) 8-bit timer H mode register 1 (TMHMD1)
p. 386
Addition of Caution 2 in Figure 9-7 Transfer Timing
p. 388
Addition of Caution 4 in 9.4.3 (4) Timing chart
p. 427
Addition of 13.4 Relationship Between Analog Input Voltage and A/D Conversion Result


Similar Part No. - UPD703208GCA-XXX-8BT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
   V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD70320 RENESAS-UPD70320 Datasheet
489Kb / 76P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD703201 NEC-UPD703201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201GC-XXX-8EU NEC-UPD703201GC-XXX-8EU Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201Y NEC-UPD703201Y Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD703208GCA-XXX-8BT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com