Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3CN17G38 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3CN17G38
Description  Reprogrammable Connectivity Processor with CAN Interface
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3CN17G38 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CP3CN17G38 Datasheet HTML 3Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 4Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 5Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 6Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 7Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 8Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 9Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 10Page - National Semiconductor (TI) CP3CN17G38 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 220 page
background image
7
www.national.com
4.0
Device Pinouts
Table 2
Pin Assignments for 100-Pin Package
Pin Name
Alternate Function(s)
Pin Number
Type
A14
1
O
A13
2
O
A12
3
O
A11
4
O
A10
5
O
PH6
STD/TIO7
6
GPIO
PH7
SRD/TIO8
7
GPIO
ENV1
8
I/O
A9
9
O
A8
10
O
A7
11
O
A6
12
O
A5
13
O
X1CKI
12 MHz Crystal
or Ext. Clock
External
Bus
Interface
X1CKO
X2CKI
32.768 kHz
Crystal
GPIO
X2CKO
AVCC
IOVCC
GND
2
AGND
VCC
PI0
PI1
PI2/SRCLK
CP3CN17
(LQFP-100)
SDA
ACCESS.bus
SCL
ENV0
Mode
Selection
ENV1
UART/
MIWU
PG0/RXD/WUI10
PG1/TXD/WUI11
PG2/RTS/WUI12
PG3/CTS/WUI13
PI3
PI4
PI5
PI6/WUI9
Power
Supply
RESET
Chip Reset
PG5/SRFS/NMI
MIWU
PG4/CKX/TB
UART/MFT
PI7/TA
MFT
TMS
TCK
RDY
TDI
TDO
JTAG I/F to
Debugger/
Programmer
MICROWIRE/
SPI/
VTU
PH0/MSK/TIO1
PH1/MDIDO/TIO2
PH2/MDODI/TIO3
PH3/MWCS/TIO4
AAI/
VTU
PH4/SCK/TIO5
PH5/SFS/TIO6
PH6/STD/TIO7
PH7/SRD/TIO8
4
6
8
8
23
ENV2
PG6/CANRX/
WUI14
CAN/
MIWU
PG7/CANTX/
WUI15
PB[7:0]
PC[7:0]
A[22:0]
SEL0
SEL1
SEL2
SELIO
WR0
WR1
RD
AAI
AAI/NMI
X1CKI
12 MHz Crystal
or Ext. Clock
CAN/
MIWU
X1CKO
PG6/CANRX/WUI14
PG7/CANTX/WUI15
ACCESS.bus
SDA
SCL
X2CKI
32.768 kHz
Crystal
GPIO
X2CKO
AVCC
IOVCC
GND
2
AGND
VCC
PI0
PI1
PI2/SRCLK
CP3CN17
(CSP-48)
Mode
Selection
UART/
MIWU
PI3
PI4
PI5
PI6/WUI9
Power
Supply
Chip Reset
MIWU
PI7/TA
MFT
JTAG I/F to
Debugger/
Programmer
MICROWIRE
SPI/
VTU
PH0/MSK/TIO1
PH1/MDIDO/TIO2
PH2/MDODI/TIO3
AAI/
VTU
PH4/SCK/TIO5
PH5/SFS/TIO6
PH6/STD/TIO7
PH7/SRD/TIO8
2
4
ENV0
ENV1
RESET
PG5/SRFS/NMI
TMS
TCK
RDY
TDI
TDO
PG0/RXD/WUI10
PG1/TXD/WUI11
PG2/RTS/WUI12
PG3/CTS/WUI13
PH3/MWCS/TIO4
DS140
AAI
AAI/NMI


Similar Part No. - CP3CN17G38

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
More results

Similar Description - CP3CN17G38

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
logo
Texas Instruments
CP3UB26 TI1-CP3UB26 Datasheet
4Mb / 364P
[Old version datasheet]   CP3UB26 Reprogrammable Connectivity Processor with USB Interface
logo
National Semiconductor ...
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com