Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPCL
Description  Wirewound Resistors, Commercial Power, Vertical Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPCL Datasheet(HTML) 1 Page - Vishay Siliconix

  CPCL Datasheet HTML 1Page - Vishay Siliconix CPCL Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPCL, CPCC, CPCP, CPCF
Vishay Dale
www.vishay.com
40
Document Number 30218
Revision 28-Aug-02
For technical questions, contact ww2aresistors@vishay.com
Wirewound Resistors, Commercial Power, Vertical Mount
FEATURES
• Space saving
• Direct mounting on printed circuit board
• Meets or exceeds requirements of EIA-Standard RS-344
• High power to size ratio
• Special inorganic potting compound and ceramic case
provide high thermal conductivity in a fireproof package
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
TOLERANCE
RESISTANCE RANGE
WEIGHT
P70°C
(Typical)
W
± %
g
CPCL-2
2
5, 10
0.01 - 0.10
3.5
CPCC-2
2
5, 10
0.1 - 500
3.5
CPCP-2
2
1, 5
0.1 - 4k
3.5
CPCF-2
2
1, 5, 10
501 - 150k
3.5
CPCL-3
3
5, 10
0.01 - 0.10
5.5
CPCC-3
3
5, 10
0.1 - 800
5.5
CPCP-3
3
1,5
0.1 - 5k
5.5
CPCF-3
3
1, 5, 10
801 - 150k
5.5
CPCL-5
5
5, 10
0.01 - 0.10
6.9
CPCC-5
5
5, 10
0.1 - 800
6.9
CPCP-5
5
1, 5
0.1 - 5k
6.9
CPCF-5
5
1, 5, 10
801 - 150k
6.9
CPCL-10
10
5, 10
0.01 - 0.10
14.3
CPCC-10
10
5, 10
0.1 - 1.5k
14.3
CPCP-10
10
1, 5
0.1 - 8k
14.3
CPCL-10
MODEL
5%
TOLERANCE
± %
0.1
RESISTANCE
ORDERING INFORMATION
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPCL-x
CPCC-x
CPCP-x
CPCF-x
Temperature Coefficient
ppm/
°C 0.01Ω - 0.049Ω = ± 400
0.1
Ω - 0.99Ω = ± 600
0.1
Ω - 0.99Ω = ± 90
± 50 all values
0.05
Ω - 0.1Ω = ± 100
1.0
Ω and above = ± 300
1.0
Ω - 9.9Ω = ± 50
10
Ω and above = ± 20
Short Time Overload
-
5 x rated power for 5 seconds
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
- 65/+ 275
- 65/+ 225
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
1000
CPCL = Low value
CPCC = Commercial (fiberglass core)
CPCP = Precision wirewound (ceramic core)
CPCF = Film (ceramic core)


Similar Part No. - CPCL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPCL04DC SENSORTECHNICS-CPCL04DC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPCL04DFC SENSORTECHNICS-CPCL04DFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPCL04GC SENSORTECHNICS-CPCL04GC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPCL04GFC SENSORTECHNICS-CPCL04GFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPCL10DFC SENSORTECHNICS-CPCL10DFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
More results

Similar Description - CPCL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL_15 Datasheet
90Kb / 3P
   Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
Revision: 17-Feb-11
logo
IRC - a TT electronics ...
CVF21000JLFTR IRCTT-CVF21000JLFTR Datasheet
129Kb / 3P
   Commercial Grade Vertical Mount Power Wirewound & Film Resistors
logo
Vishay Siliconix
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
   Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
Revision: 17-Feb-11
CPCC VISHAY-CPCC Datasheet
88Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 22-Dec-11
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision 07-Feb-02
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 05-Apr-11
CMS VISHAY-CMS Datasheet
123Kb / 4P
   Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
13-Jun-16
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Vishay Siliconix
CMV VISHAY-CMV Datasheet
122Kb / 4P
   Wirewound Resistors, Commercial Power, Vitreous Coated, Capacitor Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com