Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31025A-10TJC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C31025A-10TJC
Description  5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025A-10TJC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C31025A-10TJC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025A-10TJC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
AS7C1025A
AS7C31025A
2/6/01; V.0.9
Alliance Semiconductor
P. 7 of 8
Package dimensions
Symbol
32-pin TSOP II (mm)
Min
Max
A
–1.2
A1
0.05
0.15
b
0.3
0.52
C
0.12
0.21
D
20.82
21.08
E1
10.03
10.29
E
11.56
11.96
e
1.27 BSC
L
0.40
0.60
ZD
0.95 REF.
α
32-pin TSOP II
NN/2+1
1N/2
D
E1
E
L
α
c
ZD
c
b
A1
A
Seating plane
e
D
E1
Pin 1
b
B
A1
A2
c
E
Seating
Plane
E2
A
32-pin SOJ
300 mil/400 mil
Symbol
32-pin SOJ
300 mil
32-pin SOJ
400 mil
Min
Max
Min
Max
A
-0.145
-0.145
A1
0.025
-
0.025
-
A2
0.086
0.105
0.086
0.115
B
0.026
0.032
0.026
0.032
b
0.014
0.020
0.015
0.020
c
0.006
0.013
0.007
0.013
D
0.820
0.830
0.820
0.830
E
0.250
0.275
0.360
0.380
E1
0.292
0.305
0.395
0.405
E2
0.330
0.340
0.435
0.445
e
0.050 BSC
0.050 BSC


Similar Part No. - AS7C31025A-10TJC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C31025A-HFC ETC2-AS7C31025A-HFC Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
AS7C31025A-HFC ATMEL-AS7C31025A-HFC Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - AS7C31025A-10TJC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com