Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31025A-12TC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C31025A-12TC
Description  5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025A-12TC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C31025A-12TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
AS7C1025A
AS7C31025A
2/6/01; V.0.9
Alliance Semiconductor
P. 5 of 8
Write cycle (over the operating range)11
Write waveform 1 (WE controlled)10,11
Write waveform 2 (CE controlled)10,11
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10
12
15
20
ns
Chip enable (CE) to write end
tCW
8
10
12
12
ns
Address setup to write end
tAW
89
10
12
ns
Address setup time
tAS
00
0
0
ns
Write pulse width
tWP
78
9
12
ns
Address hold from end of write
tAH
00
0
0
ns
Data valid to write end
tDW
56
8
10
ns
Data hold time
tDH
00
0
0
ns
4, 5
Write enable to output in high Z
tWZ
6–
6
6
8
ns
4, 5
Output active from write end
tOW
11
1
2
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tAW
Address
CE
WE
DOUT
tCW
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
Data valid
DIN


Similar Part No. - AS7C31025A-12TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C31025A-HFC ETC2-AS7C31025A-HFC Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
AS7C31025A-HFC ATMEL-AS7C31025A-HFC Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - AS7C31025A-12TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com