Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2137T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2137T1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2137T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2137T1 Datasheet HTML 1Page - ON Semiconductor MUN2137T1 Datasheet HTML 2Page - ON Semiconductor MUN2137T1 Datasheet HTML 3Page - ON Semiconductor MUN2137T1 Datasheet HTML 4Page - ON Semiconductor MUN2137T1 Datasheet HTML 5Page - ON Semiconductor MUN2137T1 Datasheet HTML 6Page - ON Semiconductor MUN2137T1 Datasheet HTML 7Page - ON Semiconductor MUN2137T1 Datasheet HTML 8Page - ON Semiconductor MUN2137T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MUN2111T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS (Note 4)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN2130T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN2115T1
MUN2116T1
MUN2131T1
MUN2132T1
MUN2140T1
VOH
4.9
Vdc
Input Resistor
MUN2111T1
MUN2112T1
MUN2113T1
MUN2114T1
MUN2115T1
MUN2116T1
MUN2130T1
MUN2131T1
MUN2132T1
MUN2133T1
MUN2134T1
MUN2136T1
MUN2137T1
MUN2140T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
70
32.9
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
100
47
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
130
61.1
61.1
kW
Resistor Ratio
MUN2111T1/MUN2112T1/MUN2113T1/
MUN2136T1
MUN2114T1
MUN2115T1/MUN2116T1/MUN2140T1
MUN2130T1/MUN2131T1/MUN2132T1
MUN2133T1
MUN2134T1
MUN2137T1
R1/R2
0.8
0.17
0.8
0.055
0.38
1.7
1.0
0.21
1.0
0.1
0.47
2.1
1.2
0.25
1.2
0.185
0.56
2.6
4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%.
Figure 1. Derating Curve
350
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (5°C)
RqJA= 370°C/W
250
300
LOAD
+12 V
Figure 2. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs


Similar Part No. - MUN2137T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2137T1 ONSEMI-MUN2137T1 Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2137T1G ONSEMI-MUN2137T1G Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2137T1G ONSEMI-MUN2137T1G Datasheet
138Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
September, 2012 ??Rev. 1
MUN2137T1G ONSEMI-MUN2137T1G Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MUN2137T1G ONSEMI-MUN2137T1G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN2137T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com